Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0S1B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PESD5V0S1B
Description  Low capacitance bidirectional ESD protection diodes
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0S1B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PESD5V0S1B Datasheet HTML 2Page - NXP Semiconductors PESD5V0S1B Datasheet HTML 3Page - NXP Semiconductors PESD5V0S1B Datasheet HTML 4Page - NXP Semiconductors PESD5V0S1B Datasheet HTML 5Page - NXP Semiconductors PESD5V0S1B Datasheet HTML 6Page - NXP Semiconductors PESD5V0S1B Datasheet HTML 7Page - NXP Semiconductors PESD5V0S1B Datasheet HTML 8Page - NXP Semiconductors PESD5V0S1B Datasheet HTML 9Page - NXP Semiconductors PESD5V0S1B Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PESD5V0S1BA_BB_BL_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 20 August 2009
6 of 15
NXP Semiconductors
PESD5V0S1BA/BB/BL
Low capacitance bidirectional ESD protection diodes
Tamb = 25 °C
Fig 3.
Peak pulse power dissipation as a function of
exponential time duration tp; typical values
Fig 4.
Relative variation of peak pulse power as a
function of junction temperature; typical
values
Tamb = 25 °C; f = 1 MHz
Fig 5.
Diode capacitance as a function of reverse
voltage; typical values
Fig 6.
Relative variation of reverse leakage current
as a function of junction temperature; typical
values
001aaa202
tp (µs)
1104
103
10
102
102
103
Ppp
(W)
10
Tj (°C)
0
200
150
50
100
001aaa193
0.4
0.8
1.2
PPP
0
PPP(25°C)
VR (V)
05
4
23
1
001aaa203
30
26
34
38
Cd
(pF)
22
001aaa204
Tj (°C)
75
150
125
100
10
1
102
10−1
IRM(Tj)
IRM(Tj=85°C)


Similar Part No. - PESD5V0S1B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0S1BA PHILIPS-PESD5V0S1BA Datasheet
84Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 03-17 December 2004
PESD5V0S1BA NXP-PESD5V0S1BA Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
logo
Shanghai Leiditech Elec...
PESD5V0S1BA LEIDITECH-PESD5V0S1BA Datasheet
475Kb / 3P
   BIDIRECTIONAL TVS DIODE
Rev : 01.06.2018
logo
TECH PUBLIC Electronics...
PESD5V0S1BA TECHPUBLIC-PESD5V0S1BA Datasheet
2Mb / 4P
   1-Line Bl-directional TVS Diode
logo
Nexperia B.V. All right...
PESD5V0S1BA NEXPERIA-PESD5V0S1BA Datasheet
203Kb / 10P
   Bidirectional ESD protection diode
23 August 2018
More results

Similar Description - PESD5V0S1B

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0S1BA NEXPERIA-PESD5V0S1BA_V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
NXP Semiconductors
PESD5V0S1BL PHILIPS-PESD5V0S1BL Datasheet
84Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 03-17 December 2004
PESD5V0S1BA NXP-PESD5V0S1BA Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
logo
Vishay Siliconix
GCDA15C-1 VISHAY-GCDA15C-1 Datasheet
72Kb / 4P
   Low Capacitance Bidirectional ESD Protection Diodes
Rev. 1.1, 19-Oct-04
logo
Nexperia B.V. All right...
PESD5V0S1BA-V01 NEXPERIA-PESD5V0S1BA-V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
Pan Jit International I...
PJEC24MTA PANJIT-PJEC24MTA Datasheet
126Kb / 5P
   LOW CAPACITANCE DOUBLE BIDIRECTIONAL ESD PROTECTION DIODES
logo
NXP Semiconductors
PESD5V0V2BMB PHILIPS-PESD5V0V2BMB_15 Datasheet
219Kb / 12P
   Very low capacitance bidirectional ESD protection diodes
17 August 2015
PESD5V0V1BA PHILIPS-PESD5V0V1BA_15 Datasheet
272Kb / 14P
   Very low capacitance bidirectional ESD protection diodes
Rev. 2-9 November 2012
logo
Nexperia B.V. All right...
PESD5V0X1BQ NEXPERIA-PESD5V0X1BQ Datasheet
208Kb / 12P
   Ultra low capacitance bidirectional ESD protection diodes
28 December 2022
logo
NXP Semiconductors
PESD5V0X1BT NXP-PESD5V0X1BT Datasheet
83Kb / 13P
   Ultra low capacitance bidirectional ESD protection diodes
Rev. 01-30 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com