Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4228A Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4228A
Description  24-Bit, 96 kHz Surround Sound Codec?
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4228A Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4228A Datasheet HTML 2Page - Cirrus Logic CS4228A Datasheet HTML 3Page - Cirrus Logic CS4228A Datasheet HTML 4Page - Cirrus Logic CS4228A Datasheet HTML 5Page - Cirrus Logic CS4228A Datasheet HTML 6Page - Cirrus Logic CS4228A Datasheet HTML 7Page - Cirrus Logic CS4228A Datasheet HTML 8Page - Cirrus Logic CS4228A Datasheet HTML 9Page - Cirrus Logic CS4228A Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
CS4228A
6
DS511PP1
ANALOG CHARACTERISTICS (Continued)
DIGITAL CHARACTERISTICS Unless otherwise specified (T
A = 25 °C; VA = VD + 5V,VL = 2.375 to
5.25V)
SWITCHING CHARACTERISTICS (T
A = 25°C; VA = VD + 5V,VL = 2.375 to 5.25V, CL 30 pF)
Base Rate Mode
High Rate Mode
Power Supply
Symbol
Min
Typ
Max
Min
Typ
Max
Units
Power Supply Current
Operating
VA = VD = VL = 5 V
VA
VL
VD
Power Down: RST low, Clocks running
VA
VL
VD
-
-
-
-
-
-
37
0.5
85
0.5
0.2
0.5
42
2
99
1
0.5
1
-
-
-
-
-
-
37
0.5
85
0.5
0.2
0.5
42
2
99
1
0.5
1
mA
mA
mA
mA
mA
mA
Power Supply Rejection
(1 kHz, 10 mVrms)
-
50
-
50
dB
Parameter
Symbol
Min
Max
Units
High-level Input Voltage
VIH
0.7xVL
-
V
Low-level Input Voltage
VIL
0.3xVL
V
High-level Output Voltage at
VL = 5 V
I0 = -2.0 mA
I0 = -100 uA
VL = 2.5 V
I0 = -2.0 mA
VOH
VL - 1.0
VL - 0.7
0.9 X VL
-
-
-
V
V
V
Low-level Output Voltage at
VL = 5 V
I0 = 2.0 mA
I0 = 100 uA
VL = 2.5 V
I0 = -2.0 mA
VOL
-
-
-
0.4
0.2
0.4
V
V
V
Input Leakage Current
(Digital Inputs)
-10
µA
Output Leakage Current
(High-Impedance Digital Outputs)
-10
µA
Parameter
Symbol
Min
Typ
Max
Units
Audio ADC's and DAC's Sample Rate
BRM
HRM
Fs
30
60
-
-
50
100
kHz
kHz
MCLK Frequency
3.84
-
25.6
MHz
MCLK Duty Cycle
BRM
MCLK =128, 384 Fs
MCLK = 256, 512 Fs
HRM
MCLK = 64, 192 Fs
MCLK = 128, 256 Fs
TBD
40
TBD
40
50
50
50
50
TBD
60
TBD
60
%
%
%
%


Similar Part No. - CS4228A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
CS4228A-KS CIRRUS-CS4228A-KS Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
More results

Similar Description - CS4228A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
CS4228 CIRRUS-CS4228 Datasheet
487Kb / 30P
   24-Bit, 96 kHz Surround Sound Codec?
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
logo
Cirrus Logic
CS4226 CIRRUS-CS4226 Datasheet
1Mb / 60P
   Surround Sound Codec
CS4226 CIRRUS-CS4226_04 Datasheet
643Kb / 37P
   Surround Sound Codec
logo
Analog Devices
AD1838 AD-AD1838 Datasheet
424Kb / 24P
   2 ADC, 6 DAC,96 kHz, 24-Bit Codec
REV. 0
AD1838A AD-AD1838A_15 Datasheet
537Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1839 AD-AD1839_15 Datasheet
325Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1835 AD-AD1835_15 Datasheet
705Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com