Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4331-BS Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS4331-BS
Description  8 Pin Stereo D/A Converter for Digital Audio
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4331-BS Datasheet(HTML) 3 Page - Cirrus Logic

  CS4331-BS Datasheet HTML 1Page - Cirrus Logic CS4331-BS Datasheet HTML 2Page - Cirrus Logic CS4331-BS Datasheet HTML 3Page - Cirrus Logic CS4331-BS Datasheet HTML 4Page - Cirrus Logic CS4331-BS Datasheet HTML 5Page - Cirrus Logic CS4331-BS Datasheet HTML 6Page - Cirrus Logic CS4331-BS Datasheet HTML 7Page - Cirrus Logic CS4331-BS Datasheet HTML 8Page - Cirrus Logic CS4331-BS Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
SWITCHING CHARACTERISTICS (TA = 25 °C; VA+ = 2.7V - 5.5V; Inputs: Logic 0 = 0V, Logic
1 = VA+, CL = 20 pF) Switching characteristics are guaranteed by characterization.
Parameter
Symbol
Min
Typ
Max
Units
Input Sample Rate
Fs
2
-
50
kHz
LRCK Duty Cycle (External SCLK only)
(Note 5)
30
50
70
%
MCLK Pulse Width High
MCLK / LRCK = 512
10
-
1000
ns
MCLK Pulse Width Low
MCLK / LRCK = 512
15
-
1000
ns
MCLK Pulse Width High
MCLK / LRCK = 384
21
-
1000
ns
MCLK Pulse Width Low
MCLK / LRCK = 384
21
-
1000
ns
MCLK Pulse Width High
MCLK / LRCK = 256
35
-
1000
ns
MCLK Pulse Width Low
MCLK / LRCK = 256
39
-
1000
ns
External SCLK Mode
SCLK Pulse Width Low
tsclkl
20
-
-
ns
SCLK Pulse Width High
tsclkh
20
-
-
ns
SCLK Period
tsclkw
1
(128)Fs
--
ns
SCLK rising to LRCK edge delay
tslrd
20
-
-
ns
SCLK rising to LRCK edge setup time
tslrs
20
-
-
ns
SDATA valid to SCLK rising setup time
tsdlrs
20
-
-
ns
SCLK rising to SDATA hold time
tsdh
20
-
-
ns
Internal SCLK Mode
SCLK Period
(Note 6)
tsclkw
1
SCLK
--
ns
SCLK rising to LRCK edge
tsclkr
-
tsclkw
2
-
µs
SDATA valid to SCLK rising setup time
tsdlrs
1
(512)Fs
+ 15
--
ns
SCLK rising to SDATA hold time
MCLK / LRCK = 256 or 512
tsdh
1
(512)Fs
+15
--
ns
SCLK rising to SDATA hold time
MCLK / LRCK = 384
tsdh
1
(384)Fs
+15
--
ns
Notes: 5.
In Internal SCLK Mode, the Duty Cycle must be 50%
±1/2 MCLK Period.
6.
The SCLK / LRCK ratio may be either 32, 48, or 64.
CS4330, CS4331, CS4333
DS136F1
3


Similar Part No. - CS4331-BS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS4331 ETC-CS4331 Datasheet
115Kb / 1P
   Integrated Wavetable Music Synthesizer
JAN .95
More results

Similar Description - CS4331-BS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5330A CIRRUS-CS5330A Datasheet
899Kb / 30P
   8-Pin, Stereo A/D Converter for Digital Audio
CS5330A CIRRUS-CS5330A_06 Datasheet
254Kb / 16P
   8-Pin, Stereo A/D Converter for Digital Audio
logo
Suzhou Everest Semicond...
ES7134S EVEREST-ES7134S Datasheet
360Kb / 8P
   8-pin, 24-Bit Stereo D/A Converter for PCM Audio
logo
Cirrus Logic
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
   18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
   20-Bit, Stereo A/D Converter for Digital Audio
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
   20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
   24-Bit, Stereo D/A Converter for Digital Audio
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
   16-Bit Stereo A/D Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
   24-Bit Stereo A/D Converter for Digital Audio
logo
Suzhou Everest Semicond...
ES7149 EVEREST-ES7149 Datasheet
364Kb / 9P
   12-pin, 24-Bit Stereo D/A Converter for PCM Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com