Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4362 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4362
Description  114 dB, 192 kHz 6-Channel D/A Converter?
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4362 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4362 Datasheet HTML 7Page - Cirrus Logic CS4362 Datasheet HTML 8Page - Cirrus Logic CS4362 Datasheet HTML 9Page - Cirrus Logic CS4362 Datasheet HTML 10Page - Cirrus Logic CS4362 Datasheet HTML 11Page - Cirrus Logic CS4362 Datasheet HTML 12Page - Cirrus Logic CS4362 Datasheet HTML 13Page - Cirrus Logic CS4362 Datasheet HTML 14Page - Cirrus Logic CS4362 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
CS4362
11
SWITCHING CHARACTERISTICS - CONTROL PORT - SPI FORMAT
(For KQ TA =-10 to +70 °C; For BQ TA =-40 to +85 °C; VLC = 1.8 V to 5.5 V; Inputs: Logic 0 = GND, Logic
1= VLC, CL =30pF)
Notes: 23. tspi only needed before first falling edge of CS after RST rising edge. tspi = 0 at all other times.
24. Data must be held for sufficient time to bridge the transition time of CCLK.
25. For FSCK <1MHz.
Parameter
Symbol
Min
Max
Unit
CCLK Clock Frequency
fsclk
-MHz
RST Rising Edge to CS Falling
tsrs
500
-
ns
CCLK Edge to CS Falling
(Note 23)
tspi
500
-
ns
CS High Time Between Transmissions
tcsh
1.0
-
µs
CS Falling to CCLK Edge
tcss
20
-
ns
CCLK Low Time
tscl
-ns
CCLK High Time
tsch
-ns
CDIN to CCLK Rising Setup Time
tdsu
40
-
ns
CCLK Rising to DATA Hold Time
(Note 24)
tdh
15
-
ns
Rise Time of CCLK and CDIN
(Note 25)
tr2
-
100
ns
Fall Time of CCLK and CDIN
(Note 25)
tf2
-
100
ns
MCLK
2
------------------
1
MCLK
------------------
1
MCLK
------------------
t r2
t f2
t dsu t dh
t sch
t scl
CS
CC L K
CD IN
t css
t csh
t spi
t srs
RS T
Figure 4. Control Port Timing - SPI Format


Similar Part No. - CS4362

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4362 CIRRUS-CS4362 Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362-KQZ CIRRUS-CS4362-KQZ Datasheet
1,010Kb / 42P
   114 dB, 192 kHz 6-channel D/A Converter
CS4362-KQZ CIRRUS-CS4362-KQZ Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362-KQZR CIRRUS-CS4362-KQZR Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362A CIRRUS-CS4362A Datasheet
686Kb / 47P
   114 dB, 192 kHz 6-channel D/A Converter
More results

Similar Description - CS4362

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4365 CIRRUS-CS4365 Datasheet
734Kb / 51P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362A CIRRUS-CS4362A Datasheet
686Kb / 47P
   114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_08 Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362A CIRRUS-CS4362A_08 Datasheet
1,000Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362 CIRRUS-CS4362_08 Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
CS5366 CIRRUS-CS5366_09 Datasheet
384Kb / 42P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362 CIRRUS-CS4362_04 Datasheet
1,010Kb / 42P
   114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_07 Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com