Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

07D560K Datasheet(PDF) 2 Page - Ruilongyuan Electronics Co.,Ltd

Part # 07D560K
Description  Metal Oxide Varistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

07D560K Datasheet(HTML) 2 Page - Ruilongyuan Electronics Co.,Ltd

  07D560K Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 07D560K Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 07D560K Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 07D560K Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 07D560K Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 07D560K Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd 07D560K Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Circuit Protection
System
Page:1
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Metal Oxide Varistors - 07D Series
Features
1. Wide operating voltage (V1mA) range from 8V to 1800V.
2. Fast responding to transient over-voltage.
3. Large absorbing transient energy capability.
4. Low clamping ratio and no following-on current.
No Radioactive Material Storage Temperature: -55ºC to +125ºC
Operating Temperature: -55ºC to +85ºC
Body: Nickel Plated
Leads: Surface-mount, Axial Devices: Tin Plated
Devices with No Leads: Nickel Plated
General Characteristics
General Information
The MOV-07DxxxK Series of 7 mm radial leaded varistor devices protects against overvoltage transients such as lightning,
power contact and power induction. The metal oxide varistors offer a choice of varistor voltages from 18 V to 820 V and Vrms
voltages from 11 V to 510 V. The devices have a high current handling, high energy absorption capability and fast response
times to protect against transient faults up to rated limits.
Product Name
0
7
D
4
7
1
K
Disc Diameter
07=7MM
Type
D: Disk
S: Square
Nominal Varistor Voltage
471=47*10
1
V
Varistor Voltage
Tolerance
K = 10 %


Similar Part No. - 07D560K

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
07D560K SOCAY-07D560K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
logo
StarHope
07D560K SPSEMI-07D560K Datasheet
539Kb / 2P
   Varistor Type MYG
logo
HuaXinAn Electronics CO...
07D560K HUAXINAN-07D560K Datasheet
229Kb / 3P
   Metal Oxide Varistors
07D560K HUAXINAN-07D560K Datasheet
470Kb / 6P
   Metal Oxide Varistors (MOV)
logo
Shanghai Leiditech Elec...
07D560K LEIDITECH-07D560K Datasheet
510Kb / 5P
   Metal Oxide Varistors
More results

Similar Description - 07D560K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com