Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL600D-1208 Datasheet(PDF) 2 Page - Ruilongyuan Electronics Co.,Ltd

Part # RL600D-1208
Description  Gas Discharge Tubes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

RL600D-1208 Datasheet(HTML) 2 Page - Ruilongyuan Electronics Co.,Ltd

  RL600D-1208 Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd RL600D-1208 Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd RL600D-1208 Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd RL600D-1208 Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd RL600D-1208 Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Circuit Protection
System
Page:1
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Gas Discharge Tubes - RL1208 Series
1. RoHS & HF compliant
2. Rugged ceramic-metal construction
3. DC spark-over voltage:230~800V
4. Low capacitance
5. Agency recognition :UL/cUL
6. Operating temperature : -30°C ~ +85°C Storage
temperature: -40°C ~ +115°C
Features
1. Power supplier
2. Industrial equipment
3. SPD Module
GDT introduction:Gas discharge tubes (GDT) use noble gasses enclosed
in ceramic tubes to provide an alternate circuit path for voltage spikes.The
ceramic envelope and with nickel connectors allow for high loads and Ruilon
offers products that function at 20KA,40KA,50KA,60KA,100KA&150KA.
The breakdown voltages of the devices have a wide range (up to 20%
tolerance).Major applications are high frequency telecommunication
lines,stations, security systems,HID and high quality Surge Protection
Devices (SPD).
Recommended Applications
Part Number Code
R
L
2
3
0
D
-
1
2
0
8
DC spark-over voltage
20KA
Dimension
Series


Similar Part No. - RL600D-1208

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RL600F-1212 RUILON-RL600F-1212 Datasheet
555Kb / 5P
   Gas Discharge Tubes
RL600F-1605 RUILON-RL600F-1605 Datasheet
495Kb / 4P
   Gas Discharge Tubes
RL600F-2006 RUILON-RL600F-2006 Datasheet
632Kb / 5P
   Gas Discharge Tubes
RL600F-2104 RUILON-RL600F-2104 Datasheet
615Kb / 4P
   Gas Discharge Tubes
RL600G-1807 RUILON-RL600G-1807 Datasheet
493Kb / 4P
   Gas Discharge Tubes
More results

Similar Description - RL600D-1208

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
   Gas Discharge Tubes
logo
Tyco Electronics
GTCX28-XXXM-R05 MACOM-GTCX28-XXXM-R05 Datasheet
105Kb / 5P
   Gas Discharge Tubes
GTCX36-XXXM-R05 MACOM-GTCX36-XXXM-R05 Datasheet
144Kb / 6P
   Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
   Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
   Gas Discharge Tubes
logo
Littelfuse
SL1021A145 LITTELFUSE-SL1021A145 Datasheet
272Kb / 4P
   Gas Discharge Tubes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com