Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5787082-3 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 5787082-3
Description  AMPLIMITE .050 Series Cable Assemblies, Series III
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5787082-3 Datasheet(HTML) 3 Page - Tyco Electronics

  5787082-3 Datasheet HTML 1Page - Tyco Electronics 5787082-3 Datasheet HTML 2Page - Tyco Electronics 5787082-3 Datasheet HTML 3Page - Tyco Electronics 5787082-3 Datasheet HTML 4Page - Tyco Electronics 5787082-3 Datasheet HTML 5Page - Tyco Electronics 5787082-3 Datasheet HTML 6Page - Tyco Electronics 5787082-3 Datasheet HTML 7Page - Tyco Electronics 5787082-3 Datasheet HTML 8Page - Tyco Electronics 5787082-3 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
8
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
AMPLIMITE .050 Series Vertical Receptacle Headers With
Through-Hole Tails, Series III
Last Position
.100
[2.54]
.350
[8.89]
.406
[10.31]
L
P
2-56 Threaded
Hole 2 Plc.
Position 1
Position 2
Position 3
Materials:
Housing—Thermoplastic, 94V-0 rated,
black. SMT compatible
Shell—Steel, plated bright nickel over
copper
Bracket—Zinc, plated nickel over
copper
Contacts—Phosphor bronze, duplex
plated .000030 [0.00076] min. gold on
mating end; tin on solder end; all under-
plated nickel
Technical Documents:
Product Specifications—108-1228
Application Specifications—
114-40029
Note: Extra pin contact protection is provided
by rails, which facilitate a straight-out, unmat-
ing motion. A side-to-side rocking motion
should not be used to disengage the connector
system.
.125±.015
[3.18±0.38]
.351
[8.92]
.150
[3.81]
R
M
Part Number 749069-5
No. of
Dimensions
Part Numbers
Pos.
LM
P
R
w/ Rails & Latchblocks
w/ Latchblocks
Plain
20
1.080
.915
.450
1.315
5749069-1
——
27.43
23.24
11.43
33.40
26
1.230
1.065
.600
1.465
5749069-2
——
31.34
27.05
15.24
37.21
28
1.280
1.115
.650
1.515
5749721-3
32.51
28.32
16.51
38.48
40
1.580
1.415
.950
1.815
5749069-4
——
40.13
35.94
24.13
46.10
50
1.830
1.665
1.200
2.065
5749069-5
5749721-5
5749070-5
46.48
42.29
30.48
52.45
68
2.280
2.115
1.650
2.515
5749069-7
5749721-7
5749070-7
57.91
53.72
41.91
63.88
80
2.580
2.415
1.950
2.815
5749069-8
——
65.53
61.34
49.53
71.50
100
3.080
2.915
2.450
3.315
5749069-9
5749070-9
78.23
74.04
62.23
84.20
Note: Refer to TE Customer drawings and Application Spec for PCB & panel layouts.
Part Number 749721-5
Part Number 749070-7


Similar Part No. - 5787082-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5787082-3 MACOM-5787082-3 Datasheet
253Kb / 1P
   RECEPTACLE ASSEMBLY, SHIELDED, RIGHT ANGLE, .050 SERIES AMPLIMITE
5787082-3 MACOM-5787082-3 Datasheet
922Kb / 32P
   AMPLIMITE .050 Series Cable Assemblies, Series III
5787082-3 MACOM-5787082-3 Datasheet
922Kb / 32P
   AMPLIMITE Subminiature D Connectors
5787082-3 MACOM-5787082-3 Datasheet
1Mb / 32P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5787082-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
58430-1 MACOM-58430-1 Datasheet
922Kb / 32P
   AMPLIMITE .050 Series Cable Assemblies, Series III
5-749877-9 MACOM-5-749877-9 Datasheet
64Kb / 1P
   AMPLIMITE .050 Series Panel Mount Flat Top Receptacle Assemblies
logo
List of Unclassifed Man...
787169-5 ETC-787169-5 Datasheet
479Kb / 4P
   AMPLIMITE .050 Series Connector
Revised 9-96
logo
Tyco Electronics
5749070-9 MACOM-5749070-9 Datasheet
137Kb / 1P
   RECEPTACLE ASSEMBLY, SHIELDED, VERTICAL, AMPLIMITE .050 Series
5787082-2 MACOM-5787082-2 Datasheet
253Kb / 1P
   RECEPTACLE ASSEMBLY, SHIELDED, RIGHT ANGLE, .050 SERIES AMPLIMITE
1-787082-8 MACOM-1-787082-8 Datasheet
242Kb / 1P
   RECEPTACLE ASSEMBLY, SHIELDED, RIGHT ANGLE, .050 SERIES, AMPLIMITE
749556-1 MACOM-749556-1 Datasheet
65Kb / 1P
   PLUG SUBASSEMBLY, 40 POSITION, TERMINATION CONNECTOR, AMPLIMITE .050 Series
2-174339-5 MACOM-2-174339-5 Datasheet
50Kb / 1P
   CAP HEADER (VERTICAL/M.2.5) AMPLIMITE .050 SERIES II CONN. TYPE B
logo
Adam Technologies, Inc.
S2APF501 ADAM-TECH-S2APF501 Datasheet
203Kb / 2P
   .050 [1.27] SCSI II/III IDC FLAT CABLE TERMINATION
S2A-SV ADAM-TECH-S2A-SV Datasheet
155Kb / 1P
   .050 [1.27] SCSI II/III IDC FLAT CABLE TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com