Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS492401-CL Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS492401-CL
Description  Multi-Channel Digital Audio Decoders
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS492401-CL Datasheet(HTML) 5 Page - Cirrus Logic

  CS492401-CL Datasheet HTML 1Page - Cirrus Logic CS492401-CL Datasheet HTML 2Page - Cirrus Logic CS492401-CL Datasheet HTML 3Page - Cirrus Logic CS492401-CL Datasheet HTML 4Page - Cirrus Logic CS492401-CL Datasheet HTML 5Page - Cirrus Logic CS492401-CL Datasheet HTML 6Page - Cirrus Logic CS492401-CL Datasheet HTML 7Page - Cirrus Logic CS492401-CL Datasheet HTML 8Page - Cirrus Logic CS492401-CL Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
CS4923/4/5/6/7/8/9
DS262F2
5
SWITCHING CHARACTERISTICS—RESET
(TA = 25 °C; VA, VD = 3.3 V ±5%; Inputs: Logic 0 = DGND, Logic 1 = VD, CL = 20 pF)z
Parameter
Symbol
Min
Max
Unit
RESET minimum pulse width low
Trstl
100
-
ns
All bidirectional pins high-Z after RESET low
Trst2z
-50
ns
Configuration bits setup before RESET high
Trstsu
50
-
ns
Configuration bits hold after RESET high
Trsthld
15
-
ns
RESET
Trst2z
Trstl
Trstsu Trsthld
RD, WR,
PSEL, ABOOT
All Bidirectional
Outputs
Figure 1. RESET Timing


Similar Part No. - CS492401-CL

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
CS4920C1 HVPSI-CS4920C1 Datasheet
106Kb / 1P
   200 KV RECTIFIER
logo
Cirrus Logic
CS4922 CIRRUS-CS4922 Datasheet
662Kb / 34P
   MPEG/G.729A AUDIO DECODER SYSTEM
CS4922-CL CIRRUS-CS4922-CL Datasheet
662Kb / 34P
   MPEG/G.729A AUDIO DECODER SYSTEM
More results

Similar Description - CS492401-CL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IBM39MPEGCS24 ETC1-IBM39MPEGCS24 Datasheet
69Kb / 4P
   CS24 Digital Audio/Video Decoders
logo
Texas Instruments
DS90UA102-Q1 TI1-DS90UA102-Q1_14 Datasheet
1Mb / 47P
[Old version datasheet]   Multi-Channel Digital Audio Link
DS90UA101-Q1 TI1-DS90UA101-Q1_14 Datasheet
571Kb / 41P
[Old version datasheet]   Multi-Channel Digital Audio Link
logo
NXP Semiconductors
SAA2505H PHILIPS-SAA2505H Datasheet
177Kb / 28P
   Digital multi-channel audio IC DUET
1998 Mar 10
logo
Zilog, Inc.
Z87010 ZILOG-Z87010 Datasheet
89Kb / 22P
   Audio Encoder/Decoders
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
   Multi-channel digital audio processor with DDX
logo
Texas Instruments
DS90UA102-Q1 TI1-DS90UA102-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   DS90UA102-Q1 Multi-Channel Digital Audio Link
logo
STMicroelectronics
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
598Kb / 67P
   Multi-channel digital audio processor with DDX
logo
Texas Instruments
DS90UA101-Q1 TI1-DS90UA101-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   DS90UA101-Q1 Multi-Channel Digital Audio Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com