Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5146888-1 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 5146888-1
Description  Stacking Height Guide for Parallel Board-to-Board Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5146888-1 Datasheet(HTML) 6 Page - Tyco Electronics

  5146888-1 Datasheet HTML 1Page - Tyco Electronics 5146888-1 Datasheet HTML 2Page - Tyco Electronics 5146888-1 Datasheet HTML 3Page - Tyco Electronics 5146888-1 Datasheet HTML 4Page - Tyco Electronics 5146888-1 Datasheet HTML 5Page - Tyco Electronics 5146888-1 Datasheet HTML 6Page - Tyco Electronics 5146888-1 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
No. of
Dimensions
Plug Part Number
Positions
ABC
DH
30µ" Au Plating
50µ" Au Plating
w/o pickup cap
w/ pickup cap
w/o pickup cap
w/ pickup cap
6.35
.250
5120525-1
5146897-1
1-5120525-1
1-5146897-1
31.0
34.58
35.9
34.4
7.35
64
1.220
1.361
1.413
1.354
.289
5120526-1
5146898-1
1-5120526-1
1-5146898-1
8.35
.329
5120527-1
5146888-1
1-5120527-1
1-5146888-1
6.35
.250
5120525-2
5146897-2
1-5120525-2
1-5146897-2
41.0
44.58
45.9
44.4
7.35
84
1.614
1.755
1.807
1.748
.289
5120526-2
5146898-2
1-5120526-2
1-5146898-2
8.35
.329
5120527-2
5146888-2
1-5120527-2
1-5146888-2
Notes: 1. Shorter solder lands may be used per EIA-700 AAAB. However, the 2.7 [.106] length assures optimum solder fillet regardless of connector
manufacturer.
2. 1.5 ±0.05 [.059 ±.002] diameter hole should be used if placed on PC board with vacuum placement equipment.
3. Part Numbers are RoHS compliant.
87
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
1.0mm FH (IEEE 1386) Plugs with Locating Posts, 1.0 [.039] Pitch
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
8 [.315] thru 15 [.591]
Stacking Heights
Material and Finish
Housing — Liquid crystal polymer,
black
Contacts — Phosphor bronze; duplex
plated 0.00076 [.000030] or .00127
[.00050] min. gold on contact area,
0.00381 [.000150] min. tin on solder
area, with entire contact underplated
0.00127 [.000050] min. nickel
Related Product Data
Performance Characteristics —
page 83
Stacking Height Combinations —
page 84
Mating Receptacles — pages 85
& 86
Technical Documents
EIA-700 AAAB Specification
Application Specification
114-25045
Recommended PC Board Layout
Line art with dimensions
(3 views)
per dwg. 120521
Line art with dimensions
(1 view)
per dwg. 120521
0.76
[.030]
1.65
[.065]
1.7
[.067]
1.65
[.065]
6.0
[.236]
6.05
[.238]
3.30
[.130]
0.5
[.020]
2 Plc.
0.30
[.012]
Typ.
1.0
[.039]
Pitch
1.0
[.039]
Typ.
B
A
C
A
D
H
D
C
L
C
L
C
L
C
L
0.6
[.024]
Typ.
1.4±0.05
[.055±.002]
Dia.
See Note 2
2.7
[.106]
Typ.
See Note 1
1.4±0.05
[.055±.002]
Dia.


Similar Part No. - 5146888-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5146888-1 MACOM-5146888-1 Datasheet
156Kb / 1P
   PLUG ASSEMBLY, W/VACUUM COVER, 1.0mm FH(IEEE 1386) CONNECTOR
More results

Similar Description - 5146888-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5177984-6 MACOM-5177984-6 Datasheet
769Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
1-5316135-1 MACOM-1-5316135-1 Datasheet
471Kb / 15P
   Stacking Height Guide for Parallel Board-to-Board Applications
421686 MACOM-421686 Datasheet
327Kb / 9P
   Stacking Height Guide for Parallel Board-to-Board Applications
5179030-5 MACOM-5179030-5 Datasheet
418Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
5-5179010-2 MACOM-5-5179010-2 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
logo
Japan Aviation Electron...
WP10 JAE-WP10 Datasheet
898Kb / 7P
   Stacking Type Board-to-Board (FPC) Connector
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
WP6 JAE-WP6 Datasheet
883Kb / 8P
   0.4mm Pitch, Stacking Type Board-to-Board Connector
AA07 JAE-AA07 Datasheet
449Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com