Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5351 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CDB5351
Description  108 dB, 192 kHz, Multi-Bit Audio A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5351 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CDB5351 Datasheet HTML 4Page - Cirrus Logic CDB5351 Datasheet HTML 5Page - Cirrus Logic CDB5351 Datasheet HTML 6Page - Cirrus Logic CDB5351 Datasheet HTML 7Page - Cirrus Logic CDB5351 Datasheet HTML 8Page - Cirrus Logic CDB5351 Datasheet HTML 9Page - Cirrus Logic CDB5351 Datasheet HTML 10Page - Cirrus Logic CDB5351 Datasheet HTML 11Page - Cirrus Logic CDB5351 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
CS5351
8
DS565PP2
3.2.2
Slave Mode
LRCK and SCLK operate as inputs in Slave mode. The left/right clock must be synchronously derived
from the master clock and be equal to Fs. It is also recommended that the serial clock be synchronously
derived from the master clock and be equal to 64x Fs to maximize system performance. Refer to Table 3
for required clock ratios.
*Available when MDIV = 1 (for Master Mode)
Table 3. CS5351 Slave Mode Clock Ratios
3.3
Power-up Sequence
Reliable power-up can be accomplished by keeping the device in reset until the power supplies, clocks and
configuration pins are stable. It is also recommended that reset be enabled if the analog or digital supplies
drop below the minimum specified operating voltages to prevent power glitch related issues.
The internal reference voltage must be stable for the device to produce valid data. Therefore, there is a de-
lay between the release of reset and the generation of valid output, due to the finite output impedance of
FILT+ and the presence of the external capacitance.
3.4
Analog Connections
The analog modulator samples the input at 6.144 MHz (MCLK=12.288 MHz). The digital filter will reject
signals within the stopband of the filter. However, there is no rejection for input signals which are
(n
× 6.144 MHz) the digital passband frequency, where n=0,1,2,...Refer to Figure 3 which shows the sug-
gested filter that will attenuate any noise energy at 6.144 MHz, in addition to providing the optimum
source impedance for the modulators. The use of capacitors which have a large voltage coefficient (such
as general purpose ceramics) must be avoided since these can degrade signal linearity.
Please see the Addendum at the end of the datasheet for an analog input buffer that can be used with both
the CS5351 as well as the CS5361 with a simple change in the bill of materials.
Single Speed Mode
Fs = 2kHz to 50kHz
Double Speed Mode
Fs = 50kHz to 100kHz
Quad Speed Mode
Fs = 100kHz to 192kHz
MCLK/LRCK Ratio
256x (512x)*
128x (256x)*
128x (256x)*
SCLK/LRCK Ratio
32x, 64x, 128x
32x, 64x
64x


Similar Part No. - CDB5351

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5351 CIRRUS-CDB5351 Datasheet
558Kb / 23P
   108 dB, 192 kHz, Multi-bit Audio A/D Converter
More results

Similar Description - CDB5351

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5351 CIRRUS-CS5351_07 Datasheet
558Kb / 23P
   108 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5361 CIRRUS-CS5361 Datasheet
957Kb / 24P
   111 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341_08 Datasheet
406Kb / 22P
   105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5340 CIRRUS-CS5340_08 Datasheet
405Kb / 22P
   101 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
   114 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5381 CIRRUS-CS5381 Datasheet
292Kb / 24P
   120 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5342 CIRRUS-CS5342_06 Datasheet
403Kb / 21P
   105 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5341 CIRRUS-CS5341_06 Datasheet
403Kb / 22P
   105 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com