Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5786554-7 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 5786554-7
Description  AMPLIMITE .050 Series Cable Assemblies, Series III
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5786554-7 Datasheet(HTML) 1 Page - Tyco Electronics

  5786554-7 Datasheet HTML 1Page - Tyco Electronics 5786554-7 Datasheet HTML 2Page - Tyco Electronics 5786554-7 Datasheet HTML 3Page - Tyco Electronics 5786554-7 Datasheet HTML 4Page - Tyco Electronics 5786554-7 Datasheet HTML 5Page - Tyco Electronics 5786554-7 Datasheet HTML 6Page - Tyco Electronics 5786554-7 Datasheet HTML 7Page - Tyco Electronics 5786554-7 Datasheet HTML 8Page - Tyco Electronics 5786554-7 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
6
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
AMPLIMITE .050 Series Cable Assemblies, Series III
To meet Standard
Applications the following
106 ohm, black jacketed
cable assemblies are avail-
able. For AMPLIMITE .050
Series cable assemblies that
meet other impedance
requirements or other
lengths consult TE.
Part Numbers
Application
Assembly
2 Feet
2 Meters
3 Meters
50 pos. .050 Series Plug to
SCSI-2
50 pos. .050 Series Plug
750254-1
5750254-2
750254-3
68 pos. .050 Series Plug to
SCSI-2*
68 pos. .050 Series Plug
5750732-2
5750732-4
RS-232
26 pos. .050 Series Plug to
(Alternate)
26 pos. .050 Series Plug
750255-2
750255-3
Part Numbers
Application
Assembly
5 Meters
15 Meters
25 Meters
IPI-2 and
100 pos. .050 Series Plug to
HIPPI
100 pos. .050 Series Plug
749755-2
——
*This version has spring latches. Consult TE for availability of jackscrew version.
Note: .050 centerline ribbon cable assemblies are available in single or double ended versions. These assemblies are
made using AMPLIMITE .050 Series panel mount connectors, AMPLIMITE .050 Series all-plastic connectors
and AMP-LATCH Novo receptacles. Consult TE.
SCSI—Small Computer Systems Interface
HIPPI—High Performance Parallel Interface
IPI—Intelligent Peripheral Interface
RS-232 (Alternate)
IPI-2 and HIPPI
SCSI-1 to SCSI-2
SCSI-2
RS-232 (Alternate)
to RS-232


Similar Part No. - 5786554-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5786554-7 MACOM-5786554-7 Datasheet
922Kb / 32P
   AMPLIMITE Subminiature D Connectors
5786554-7 MACOM-5786554-7 Datasheet
1Mb / 32P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5786554-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
58430-1 MACOM-58430-1 Datasheet
922Kb / 32P
   AMPLIMITE .050 Series Cable Assemblies, Series III
5-749877-9 MACOM-5-749877-9 Datasheet
64Kb / 1P
   AMPLIMITE .050 Series Panel Mount Flat Top Receptacle Assemblies
logo
List of Unclassifed Man...
787169-5 ETC-787169-5 Datasheet
479Kb / 4P
   AMPLIMITE .050 Series Connector
Revised 9-96
logo
Tyco Electronics
5749070-9 MACOM-5749070-9 Datasheet
137Kb / 1P
   RECEPTACLE ASSEMBLY, SHIELDED, VERTICAL, AMPLIMITE .050 Series
5787082-2 MACOM-5787082-2 Datasheet
253Kb / 1P
   RECEPTACLE ASSEMBLY, SHIELDED, RIGHT ANGLE, .050 SERIES AMPLIMITE
1-787082-8 MACOM-1-787082-8 Datasheet
242Kb / 1P
   RECEPTACLE ASSEMBLY, SHIELDED, RIGHT ANGLE, .050 SERIES, AMPLIMITE
749556-1 MACOM-749556-1 Datasheet
65Kb / 1P
   PLUG SUBASSEMBLY, 40 POSITION, TERMINATION CONNECTOR, AMPLIMITE .050 Series
2-174339-5 MACOM-2-174339-5 Datasheet
50Kb / 1P
   CAP HEADER (VERTICAL/M.2.5) AMPLIMITE .050 SERIES II CONN. TYPE B
logo
Adam Technologies, Inc.
S2APF501 ADAM-TECH-S2APF501 Datasheet
203Kb / 2P
   .050 [1.27] SCSI II/III IDC FLAT CABLE TERMINATION
S2A-SV ADAM-TECH-S2A-SV Datasheet
155Kb / 1P
   .050 [1.27] SCSI II/III IDC FLAT CABLE TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com