Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5745967-8 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 5745967-8
Description  HD-20 Straight Posted Connectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5745967-8 Datasheet(HTML) 5 Page - Tyco Electronics

  5745967-8 Datasheet HTML 1Page - Tyco Electronics 5745967-8 Datasheet HTML 2Page - Tyco Electronics 5745967-8 Datasheet HTML 3Page - Tyco Electronics 5745967-8 Datasheet HTML 4Page - Tyco Electronics 5745967-8 Datasheet HTML 5Page - Tyco Electronics 5745967-8 Datasheet HTML 6Page - Tyco Electronics 5745967-8 Datasheet HTML 7Page - Tyco Electronics 5745967-8 Datasheet HTML 8Page - Tyco Electronics 5745967-8 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
80
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
HD-20 Front Metal-Shell Straight Posted Connectors
Plug
Material and Finish:
Shell—Steel, tin plated
Housing—94V-0 rated thermoplastic,
black
Threaded Inserts—Brass, unplated
Female Screwlocks—Zinc
Pin Contacts (Posted)—Brass,
plated as follows:
A—.000030 [0.00076] gold on mating
end, tin on termination end, with entire
contact .000050 [0.00127] (min.) nickel
underplated
B—Gold flash on mating end, tin on
termination end, with entire contact
.000050 [0.00127] (min.) nickel
underplated
With Grounding Indents
With Threaded Insert
With Fixed Female Screwlock
With Retention
Plug Part Numbers
No. of
Contact
With
With
With
Contact
Finish
Standard
With 4-40
Retention
With Fixed
Retention
Shell
Positions
Dimensions
(Plating
Mounting
Threaded
4-40 Inserts
Female
4-40 Screwlocks
Size
AB
*C*
Code)
Holes
Inserts
(for .062 [1.58] PCB) Screwlocks (for .062 [1.58] PCB)
.125
A
5747871-2
5747871-8
2-5748003-0
1-5747871-4
19
1.213
.984
3.18
B—
1-5747871-3
30.81
24.99
.170
A
5747871-4
——
1-5747871-6
4.32
.125
A—
5747872-8
——
5748026-1
2
15
1.541
1.312
3.18
39.14
33.33
.170
A
5747872-4
——
1-5747872-6
4.32
.125
A
5745968-2
5745968-8
2-5747704-0
1-5745968-4
5748027-1
3
25
2.090
1.852
3.18
B—
5745968-7
1-5745968-3
53.09
47.04
.170
A
5745968-4
——
1-5745968-6
4.32
B—
1-5745968-5
2.732
2.500
.125
A
5747375-2
5747375-8
——
5787686-1
4
37
69.39
63.50
3.18
*.125 [3.18] post length is recommended for pc board thickness of .062-.093 [1.58-2.36] max.; .170 [4.32] post length is recommended for pc board thickness of
.093-.125 [2.36-3.18]; .250 [6.35] post length is for special applications
Notes: 1. All plugs are preloaded with size 20 DF posted pin contacts.
2. Male screw retainers are used as mating hardware for connectors with 4-40 female screwlocks.
Notes: 3. PC board hole size is .121±.002 [3.07±0.0508] for all retention inserts and screwlocks.
Mating Face
.230±.006
[5.84±0.15]
.236±.010
[5.99±0.25]
.494±.015
[12.55±0.38]
.026
[0.66]
Dia.
Typ.
See Table
±.015
A
[±0.381]
±.010
B
[±0.254]
+.020 [0.508]
C
-.015 [0.381]
Technical Documents:
Product Specification—108-40025
Application Specification—
114-40023
See customer drawings for pcb layouts.


Similar Part No. - 5745967-8

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5745967-8 TEC-5745967-8 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5745967-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5747838-6 MACOM-5747838-6 Datasheet
978Kb / 37P
   Right-Angle Posted Connectors
5745395-2 MACOM-5745395-2 Datasheet
1Mb / 37P
   Right-Angle Posted Connectors
5749234-3 MACOM-5749234-3 Datasheet
978Kb / 37P
   Right-Angle Posted Connectors
logo
Molex Electronics Ltd.
45802-0311 MOLEX-45802-0311 Datasheet
903Kb / 2P
   HD Mezz??Connectors
logo
Tyco Electronics
3-641437-4 MACOM-3-641437-4 Datasheet
118Kb / 1P
   MTA 156 POSTED CONNECTOR ASSEMBLY
169341 MACOM-169341 Datasheet
52Kb / 1P
   HANDTOOL FOR HD 20 CONTACTS
logo
TE Connectivity Ltd
C-169341 TEC-C-169341 Datasheet
48Kb / 1P
   HANDTOOL FOR HD 20 CONTACTS
logo
Eorex Corporation
EM47FM0888SBA EOREX-EM47FM0888SBA Datasheet
2Mb / 39P
   Posted CAS by programmable additive latency
logo
Tyco Electronics
644814 MACOM-644814 Datasheet
129Kb / 1P
   MTA-156 POSTED CONNECTOR ASSEMBLY, 22 AWG
logo
Molex Electronics Ltd.
1001890202 MOLEX-1001890202 Datasheet
1Mb / 3P
   4X INT. HD SHORT BODY STRAIGHT
2017/01/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com