Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF4410 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # IRF4410
Description  N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF4410 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  IRF4410 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRF4410 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRF4410 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRF4410 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF4410 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRF4410 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF4410 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd IRF4410 Datasheet HTML 8Page - Nell Semiconductor Co., Ltd IRF4410 Datasheet HTML 9Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SEMICONDUCTOR
RoHS
RoHS
N-Channel Power MOSFET
Nell High Power Products
IRF4410 Series
(97A, 100Volts)
They are designed for use in applications. such
as switched mode power supplies, DC to DC
converters, PWM motor controls, bridge circuits,
UPS and general purpose switching applications .
The Nell IRF4410 is a three-terminal silicon
device with current conduction capability of 97A,
fast switching speed, low on-state resistance,
breakdown voltage rating of 100V ,and max.
threshold voltage of 4 volts.
DESCRIPTION
Low reverse transfer capacitance
(C
= 170pF typical)
RSS
R
= 9.0mΩ @ V
= 10V
DS(ON)
GS
Ultra low gate charge(120nC max.)
Fast switching capability
100% avalanche energy specified
Improved dv/dt capability
175°C operation temperature
FEATURES
PRODUCT SUMMARY
I (A)
D
97
V
(V)
DSS
100
9.0 @ V
= 10V
GS
120
R
(mΩ)
DS(ON)
Q (nC) max.
G
D (Drain)
G
(Gate)
S (Source)
TO-220AB
(IRF4410A)
D
G
D
S
2
TO-263(D PAK)
(IRF4410H)
UNIT
V /ns
V
W
A
mJ
ºC
-55 to 175
VALUE
97
69
100
±20
390
100
16
242
ABSOLUTE MAXIMUM RATINGS (T = 25°C unless otherwise specified)
C
T =25°C to 150°C
J
TEST CONDITIONS
R
=20KΩ
GS
T =25°C
C
T =100°C
C
Operation junction temperature
Storage temperature
Single pulse avalanche energy(Note 2)
PARAMETER
Pulsed Drain current(Note 1)
Continuous Drain Current
Peak diode recovery dv/dt(Note 3)
Gate to Source voltage
Drain to Gate voltage
Drain to Source voltage
SYMBOL
VDGR
VDSS
dv/dt
VGS
IDM
TSTG
PD
ID
TJ
TL
.
.
lbf in (N m)
300
Maximum soldering temperature, for 10 seconds
Mounting torque, #6-32 or M3 screw
-55 to 175
Note:
1.
.
Repetitive rating: pulse width limited by junction temperature.
10 (1.1)
1.6mm from case
IAR
Avalanche current(Note 1)
58
T =25°C
C
2
.I
= 58A, V
= 50V, L = 0.143mH, R
= 25Ω, starting T =25°C.
AS
DD
GS
J
105
Repetitive avalanche energy(Note 1)
EAR
3
.I
≤ 58A, di/dt ≤ 610A/µs, V
V
, starting T
≤175°C.
SD
DD
(BR)DSS
J
230
Total power dissipation
G
S
D
I
=58A, R
=50Ω, V
=10V
AR
GS
GS
EAS
I
=58A, L=0.143mH
AS
www.nellsemi.com
Page 1 of 9


Similar Part No. - IRF4410

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF441 SAMSUNG-IRF441 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF441 FAIRCHILD-IRF441 Datasheet
150Kb / 5P
   N-Channel Power MOSFETs, 8A, 450 V/500V
logo
New Jersey Semi-Conduct...
IRF441 NJSEMI-IRF441 Datasheet
137Kb / 3P
   N-CHANNEL POWER MOSFETS
logo
ARTSCHIP ELECTRONICS CO...
IRF441 ARTSCHIP-IRF441 Datasheet
271Kb / 5P
   N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
IRF441-F2 ISC-IRF441-F2 Datasheet
200Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IRF4410

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com