Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5745057-3 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 5745057-3
Description  HD-20 Straight Posted Connectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5745057-3 Datasheet(HTML) 1 Page - Tyco Electronics

  5745057-3 Datasheet HTML 1Page - Tyco Electronics 5745057-3 Datasheet HTML 2Page - Tyco Electronics 5745057-3 Datasheet HTML 3Page - Tyco Electronics 5745057-3 Datasheet HTML 4Page - Tyco Electronics 5745057-3 Datasheet HTML 5Page - Tyco Electronics 5745057-3 Datasheet HTML 6Page - Tyco Electronics 5745057-3 Datasheet HTML 7Page - Tyco Electronics 5745057-3 Datasheet HTML 8Page - Tyco Electronics 5745057-3 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
76
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
HD-20 Straight Posted Connectors
No. of
Contact Plating
Connector
Post
Style and
Contact
Mating
(Mating Area/
Post
Density
Type
Style
Shell Finish
Positions
Hardware
Solder Tails)
Length
Profile
Duplex
Full Metal-Shell
9
.120
(.000030 [0.00076]
.125
With and
15
[3.05]
Gold/Tin)
[3.18]
Without Grounding
25
Dia. Holes
High
Indents,
37
Duplex
.188
Tin Plated
50
Clinch
(Gold Flash/
[4.78]
(pgs. 78 and 79)
Nuts
Tin)
.120
[.318]
Duplex
.125
Front Metal-Shell
9
Dia. Holes
(.000030 [0.00076]
[3.18]
With and Without
15
Gold/Tin)
Plugs
Grounding Indents
25
Threaded Inserts
.170
Medium
and
Straight
(pgs. 80 and 81)
37
Retention Inserts
Duplex
[4.32]
Receptacles
(Gold Flash/
Female
Tin)
.250
Screwlocks
[6.35]
.120
[3.05]
Duplex
.125
9
Dia. Holes
(.000030 [0.00076]
[3.18]
15
Gold/Tin)
All-Plastic
25
Threaded
.170
Medium
(pgs. 82-85)
37
Inserts
Duplex
[4.32]
50
(Gold Flash/
Female
Tin)
.250
Screwlocks
[6.35]
.120
[3.05]
Duplex
9
Dia. Holes
(.00030 [0.00076]
Plugs
Front Metal-Shell
15
Gold/Tin)
.228
and
Tin Plated
25
Threaded
[5.79]
Medium
Receptacles
(pgs. 87 and 88)
37
Inserts
Duplex
Female
(Gold/Tin)
Screwlocks
.120
[3.05]
Duplex
9
Dia. Holes
(.000030 [0.00076]
Receptacles
All-Plastic
15
Gold Flash/Tin)
.228
(pg. 89)
25
Threaded
[5.79]
Low/High
37
Inserts
Duplex
50
(.000010 [0.000254]
Female
Gold Flash/Tin)
Screwlocks
.120
Duplex
[3.05]
(.000030 [0.00076]
Front Metal-Shell
15
Dia. Holes
Gold/Tin)
Plugs
With
26
Duplex
.125
and
Straight
Grounding Indents,
44
Threaded
(.000015 [0.00038]
[3.18]
Medium
Receptacles
Nickel Plated
62
Inserts
Gold/Tin)
(pg. 86)
78
Female
Duplex
Screwlocks
(Gold Flash/Tin)
Product Selection Guide
HD-20
ACTION PIN
HD-22


Similar Part No. - 5745057-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5745057-3 TEC-5745057-3 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5745057-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5747838-6 MACOM-5747838-6 Datasheet
978Kb / 37P
   Right-Angle Posted Connectors
5745395-2 MACOM-5745395-2 Datasheet
1Mb / 37P
   Right-Angle Posted Connectors
5749234-3 MACOM-5749234-3 Datasheet
978Kb / 37P
   Right-Angle Posted Connectors
logo
Molex Electronics Ltd.
45802-0311 MOLEX-45802-0311 Datasheet
903Kb / 2P
   HD Mezz??Connectors
logo
Tyco Electronics
3-641437-4 MACOM-3-641437-4 Datasheet
118Kb / 1P
   MTA 156 POSTED CONNECTOR ASSEMBLY
169341 MACOM-169341 Datasheet
52Kb / 1P
   HANDTOOL FOR HD 20 CONTACTS
logo
TE Connectivity Ltd
C-169341 TEC-C-169341 Datasheet
48Kb / 1P
   HANDTOOL FOR HD 20 CONTACTS
logo
Eorex Corporation
EM47FM0888SBA EOREX-EM47FM0888SBA Datasheet
2Mb / 39P
   Posted CAS by programmable additive latency
logo
Tyco Electronics
644814 MACOM-644814 Datasheet
129Kb / 1P
   MTA-156 POSTED CONNECTOR ASSEMBLY, 22 AWG
logo
Molex Electronics Ltd.
1001890202 MOLEX-1001890202 Datasheet
1Mb / 3P
   4X INT. HD SHORT BODY STRAIGHT
2017/01/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com