Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5745078-3 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 5745078-3
Description  HD-20 Straight Posted Connectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5745078-3 Datasheet(HTML) 4 Page - Tyco Electronics

  5745078-3 Datasheet HTML 1Page - Tyco Electronics 5745078-3 Datasheet HTML 2Page - Tyco Electronics 5745078-3 Datasheet HTML 3Page - Tyco Electronics 5745078-3 Datasheet HTML 4Page - Tyco Electronics 5745078-3 Datasheet HTML 5Page - Tyco Electronics 5745078-3 Datasheet HTML 6Page - Tyco Electronics 5745078-3 Datasheet HTML 7Page - Tyco Electronics 5745078-3 Datasheet HTML 8Page - Tyco Electronics 5745078-3 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
79
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
HD-20 Full Metal-Shell Straight Posted Connectors (Continued)
Receptacle
Material and Finish:
Shell—Steel, tin plated
Insert—94V-0 rated thermoplastic,
black
Clinch Nuts—Steel, zinc plated
Socket Contacts (Posted)—
Phosphor bronze, plated as follows:
A—.000030 [0.00076] gold on mating
end, tin on termination end, with entire
contact .000050 [0.00127] (min.) nickel
underplated
B—Gold flash on mating end, tin on
termination end, with entire contact
.000050 [0.00127] (min.) nickel
underplated
Technical Documents:
Product Specification—108-40025
.025
[0.64]
Sq. Post
Typ.
Mating Face
.429±.015
[10.90±0.38]
.243
[6.17]
.696±.015
[17.68±0.38]
See Table
Contact
Receptacle Part Numbers
No. of
Finish
With
With
Shell
Contact
Dimensions
(Plating
.120 [3.05]
Clinch
Size
Positions
AB
C
*D*
Code)
Mounting
Nuts
Holes
1.213
.984
.494
.125
A
5745183-1
5747190-2
19
30.81
24.99
12.55
3.18
B
5745183-2
5747190-1
.188
A
5745183-7
5747190-4
4.78
B—
1.541
1.312
.494
.125
A
5745185-1
5745820-1
2
15
39.14
33.33
12.55
3.18
B—
5745820-2
.188
A
5745185-7
4.78
2.088
1.852
.494
.125
A
5745187-1
5745886-1
3
25
53.04
47.04
12.55
3.18
B—
5745886-2
.188
A
5745187-7
4.78
B
5745187-8
2.729
2.500
.494
.125
A
5745189-1
5747315-1
4
37
69.32
63.50
12.55
3.18
.188
A
5745189-7
4.78
2.635
2.406
.605
.125
A
5745191-1
5747302-1
5
50
66.93
61.11
15.37
3.18
.188
A
5745191-7
4.78
*.125 [3.18] post length is for recommended pc board thickness of .062-.093 [1.58-2.36] max.; .188 [4.78] post length
is for recommended pc board thickness of .093-.125 [2.36-3.18].
Notes: 1. All receptacles are preloaded with size 20 DF posted socket contacts.
2. Special loading of contacts can be arranged upon request.
3. Longer post lengths available, consult TE.
With Clinch Nuts
±.030
D
[±0.762]
±.015
A
[±0.381]
±.010
B
[±0.254]
±.015
C
[±0.381]
See customer drawings for pcb layouts.


Similar Part No. - 5745078-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5745078-3 TEC-5745078-3 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5745078-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5747838-6 MACOM-5747838-6 Datasheet
978Kb / 37P
   Right-Angle Posted Connectors
5745395-2 MACOM-5745395-2 Datasheet
1Mb / 37P
   Right-Angle Posted Connectors
5749234-3 MACOM-5749234-3 Datasheet
978Kb / 37P
   Right-Angle Posted Connectors
logo
Molex Electronics Ltd.
45802-0311 MOLEX-45802-0311 Datasheet
903Kb / 2P
   HD Mezz??Connectors
logo
Tyco Electronics
3-641437-4 MACOM-3-641437-4 Datasheet
118Kb / 1P
   MTA 156 POSTED CONNECTOR ASSEMBLY
169341 MACOM-169341 Datasheet
52Kb / 1P
   HANDTOOL FOR HD 20 CONTACTS
logo
TE Connectivity Ltd
C-169341 TEC-C-169341 Datasheet
48Kb / 1P
   HANDTOOL FOR HD 20 CONTACTS
logo
Eorex Corporation
EM47FM0888SBA EOREX-EM47FM0888SBA Datasheet
2Mb / 39P
   Posted CAS by programmable additive latency
logo
Tyco Electronics
644814 MACOM-644814 Datasheet
129Kb / 1P
   MTA-156 POSTED CONNECTOR ASSEMBLY, 22 AWG
logo
Molex Electronics Ltd.
1001890202 MOLEX-1001890202 Datasheet
1Mb / 3P
   4X INT. HD SHORT BODY STRAIGHT
2017/01/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com