Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC2400 Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC2400
Description  Embedded Modem Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC2400 Datasheet(HTML) 3 Page - Clare, Inc.

  CPC2400 Datasheet HTML 1Page - Clare, Inc. CPC2400 Datasheet HTML 2Page - Clare, Inc. CPC2400 Datasheet HTML 3Page - Clare, Inc. CPC2400 Datasheet HTML 4Page - Clare, Inc. CPC2400 Datasheet HTML 5Page - Clare, Inc. CPC2400 Datasheet HTML 6Page - Clare, Inc. CPC2400 Datasheet HTML 7Page - Clare, Inc. CPC2400 Datasheet HTML 8Page - Clare, Inc. CPC2400 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CPC2400E
www.clare.com
Rev. 2
3
Definitions
Pin
I/O
Name
Function
J1-1
I
VCC
Connects to external host power source of +5V +/-5%
J1-2
I
GND
Power supply return
J1-3
I
-DTR
Data Terminal Ready. An active Low input on this pin indicates
that the host system is ready to communicate with the modem.
J1-4
O
-DCD
Data Carrier Detect. When active, indicates carrier signal has
been detected. For options see AT Command reference section
under &C command.
J1-5
O
-MUTE
Mutes external speaker. Uses AT “M” command.
J1-6
O
A1
Analog output that can be used to monitor modem activity via an
external audio amplifier.
J1-7
-
N/C
No Connection
J1-8
I
RXD
Serial data input from host DTE
J1-9
O
TXD
Serial data output to host DTE
Pin
I/O
Name
Function
J2-1
-
N/C
No Connection
J2-2
I/O
TIP
Tip connection to telephone line
J2-3
-
N/C
No Connection
J2-4
I/O
RING
Ring connection to telephone line
J2-5
-
N/C
No Connection


Similar Part No. - CPC2400

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC2014N CLARE-CPC2014N Datasheet
117Kb / 5P
   8-Pin SOIC Dual OptoMOS짰 Relay
logo
IXYS Corporation
CPC2014N IXYS-CPC2014N Datasheet
123Kb / 6P
   60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
logo
Clare, Inc.
CPC2014NTR CLARE-CPC2014NTR Datasheet
117Kb / 5P
   8-Pin SOIC Dual OptoMOS짰 Relay
logo
IXYS Corporation
CPC2014NTR IXYS-CPC2014NTR Datasheet
123Kb / 6P
   60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
logo
Clare, Inc.
CPC2017N CLARE-CPC2017N Datasheet
116Kb / 5P
   8-Pin Dual SOIC OptoMOS짰 Relay
More results

Similar Description - CPC2400

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
GPRS-100 ADVANTECH-GPRS-100 Datasheet
231Kb / 1P
   Embedded GPRS Modem
HSPA-100 ADVANTECH-HSPA-100 Datasheet
215Kb / 1P
   Embedded HSDPA Modem
logo
List of Unclassifed Man...
XE5614L ETC1-XE5614L Datasheet
67Kb / 17P
   Compact 56 KBPS Modem Module for Embedded Applications
XE3314L ETC2-XE3314L Datasheet
58Kb / 16P
   Compact 33.6 KBPS Modem Module for Embedded Applications
XE1414C ETC-XE1414C Datasheet
77Kb / 18P
   Worldwide 14.4 KBPS Modem Module for Embedded Applications
SC56H0 ETC2-SC56H0 Datasheet
62Kb / 3P
   MultiTech SocketModem Embedded Modem
logo
CML Microcircuits
CMX7011 CMLMICRO-CMX7011 Datasheet
1Mb / 33P
   Embedded audio-band modem
logo
Texas Instruments
TMS320C54V90 TI-TMS320C54V90 Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
logo
Advantech Co., Ltd.
C-PCM-24S24G ADVANTECH-C-PCM-24S24G Datasheet
461Kb / 2P
   iDoor Communication Module with a MultiTech Dragonfly??embedded cellular modem
25-May-2020
logo
Agere Systems
OCM-22 AGERE-OCM-22 Datasheet
184Kb / 4P
   One-Chip Modem for Embedded Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com