Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA1AT148 Datasheet(PDF) 3 Page - Rohm

Part # FMA1AT148
Description  PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMA1AT148 Datasheet(HTML) 3 Page - Rohm

  FMA1AT148 Datasheet HTML 1Page - Rohm FMA1AT148 Datasheet HTML 2Page - Rohm FMA1AT148 Datasheet HTML 3Page - Rohm FMA1AT148 Datasheet HTML 4Page - Rohm FMA1AT148 Datasheet HTML 5Page - Rohm FMA1AT148 Datasheet HTML 6Page - Rohm FMA1AT148 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
UMA1N / FMA1A
lElectrical characteristic curves(Ta = 25°C)
Fig.1 Input voltage vs. output current
(ON characteristics)
OUTPUT CURRENT : I
O [A]
Fig.2 Output current vs. input voltage
(OFF characteristics)
INPUT VOLTAGE : V
I(off)[V]
Fig.3 Output current vs. output voltage
OUTPUT VOLTAGE : V
O [V]
Fig.4 DC current gain vs. output current
OUTPUT CURRENT : I
O [A]
0
-5
-10
-15
-20
-25
-30
0
-5
-10
-50mA
0A
-60mA
-70mA
-80mA
-90mA
-100mA
-110mA
-120mA
-130mA
I
I=
Ta=25ºC
-40mA
3/6
2013.05 - Rev.C


Similar Part No. - FMA1AT148

ManufacturerPart #DatasheetDescription
logo
Rohm
FMA1A ROHM-FMA1A Datasheet
60Kb / 1P
   General purpose (dual digital transistors)
logo
Guangdong Kexin Industr...
FMA1A KEXIN-FMA1A Datasheet
175Kb / 3P
   Complex Digital Transistors
logo
Rohm
FMA1A ROHM-FMA1A Datasheet
70Kb / 3P
   −100mA / −50V Complex digital transistors (with built-in resistors)
FMA1A ROHM-FMA1A Datasheet
1Mb / 8P
   Emitter common(dual digital transistors)
More results

Similar Description - FMA1AT148

ManufacturerPart #DatasheetDescription
logo
Rohm
EMB10T2R ROHM-EMB10T2R Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
IMB10AT110 ROHM-IMB10AT110 Datasheet
526Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
FMA4AT148 ROHM-FMA4AT148 Datasheet
571Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
UMB2N ROHM-UMB2N_12 Datasheet
471Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA2AT148 ROHM-FMA2AT148 Datasheet
444Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA5AT148 ROHM-FMA5AT148 Datasheet
464Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA3AT148 ROHM-FMA3AT148 Datasheet
437Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA9AT148 ROHM-FMA9AT148 Datasheet
425Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
IMH9AT110 ROHM-IMH9AT110 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMH11NTN ROHM-UMH11NTN Datasheet
471Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com