Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F981C105MMA Datasheet(PDF) 1 Page - Nichicon corporation

Part # F981C105MMA
Description  SOLID TANTALUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

F981C105MMA Datasheet(HTML) 1 Page - Nichicon corporation

  F981C105MMA Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Compliant to the RoHS directive (2002/95/EC).
F98
Specifications
Type numbering system (Example : 6.3V 10µF)
Drawing
L
W1
S2
W2
H
S1
M
1.6
0.85
0.65
± 0.1 0.8 ± 0.1 0.5 ± 0.1 0.6 ± 0.1
U
1.10
± 0.05 0.60 ± 0.05 0.35 ± 0.05 0.55 ± 0.05 0.3 ± 0.05 0.5 ± 0.05
(mm)
Case Code
L
H
W1
W2
S1
S2
S1
S
2.0
1.25
0.9
± 0.1 0.8 ± 0.1 0.5 ± 0.1 1.0 ± 0.1
+ 0.2
- 0.1
+ 0.2
- 0.1
+ 0.2
- 0.1
+ 0.2
- 0.1
Rated voltage
(Voltage code)
J
U Case
M Case
Rated voltage
(Voltage code)
Capacitance code
Js
S Case
Taping code
(Refer to page 333 for details)
F
1
9
2
8
3
0
4
J
5
1
6
0
7
6
8
M
9
M
10
11
Case code
Capacitance tolerance
Rated capacitance
Rated voltage
Series
Marking
Standard Ratings
Category
Temperature Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
Damp Heat
(Steady State)
Temperature Cycles
Resistance to Soldering
Heat
Surge∗
Endurance∗
Shear Test
Performance Characteristics
±20% (at 120Hz)
Refer to the table below
At 40
°C, 90 to 95% R.H., For 500hours (No voltage applied)
Capacitance Change
Refer to the table below (* 1)
Dissipation Factor
150% or less of initial specified value
Leakage Current
200% or less of initial specified value
Refer to the table below
Provided that
After 5 minute's application of rated voltage, leakage current at 85
°C,
10 times or less than 20
°C specified value.
After 5 minute's application of rated voltage, leakage current at 125
°C,
12.5 times or less than 20
°C specified value.
At --55
°C / +125°C, For 30 minutes each, 5 cycles
Capacitance Change
Refer to the table below (* 1)
Dissipation Factor
150% or less than the initial specified value
Leakage Current
Initial specified value or less
10 seconds reflow at 260
°C, 5 seconds immersion at 260°C
Capacitance Change
Refer to the table below (* 1)
Leakage Current
Initial specified value or less
Leakage Current
Initial specified value or less
After application of surge in series with a 1k
Ω resistor at the
rate of 30 seconds ON, 30 seconds OFF, for 1000 successive
test cycles at 85
°C, capacitors shall meet the characteristic
requirements listed below.
Capacitance Change
Refer to the table below (* 1)
Dissipation Factor
150% or less than the initial specified value
Leakage Current
200% or less than the initial specified value
After 1000 hours' application of rated voltage in series with a
3
Ω resistor at 85°C, capacitors shall meet the characteristic
requirements table below
Capacitance Change
Refer to the table below (* 1)
Dissipation Factor
150% or less than the initial specified value
Leakage Current
200% or less than the initial specified value
After applying the pressure load of 5N
for 10
±1 seconds horizontally to the
center of capacitor side body which has
no electrode and has been soldered
beforehand on a substrate, there shall be
found neither exfoliation
nor its sign at the terminal electrode.
Keeping a capacitor surface-mounted on a substrate upside
down and supporting the substrate at both of the opposite
bottom points 45mm apart from the center of capacitor, the
pressure strength is applied with
a specified jig at the center of the
substrate so that substrate
may bend by 1mm as illustrated.
Then, there shall be found no
remarkable abnormality on the
capacitor terminals.
Item
--55 to +125
°C (Rated temperature : +85°C)
ESR
Refer to the table below
Terminal Strength
5N (0.51kg f)
For 10
± 1 seconds
20
R230
45
45
Resin-molded Chip,
High Capacitance Series
∗ As for the surge voltage, refer to page 332 for details.
SOLID TANTALUM ELECTROLYTIC CAPACITORS
( ) The series in parentheses are being developed.
Please contact to your local Nichicon sales office when
these series are being designed in your application.
M
1
2.2
4.7
10
22
33
47
68
100
220
105
225
475
106
226
336
476
686
107
227
U
U
M
M
M
M S
M S
S
U M
(U) M
M
M
M S
S
U M
(U) M
M
(M) S
(M) S
S
M
M
M
S
4
6.3
10
16
20
25
0G
0J
1A
1C
1D
1E
V
Cap.(µF)
Code
M
---
---
---
a
J
n
s
w
A
J
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±2 0
±3 0
±3 0
±3 0
±3 0
±3 0
±2 0
±3 0
±3 0
4.7
10
22
33
47
68
68
100
100
220
4.7
4.7
10
22
33
47
47
100
2.2
2.2
4.7
10
22
33
47
1
2.2
4.7
10
1
1
4V
6.3V
10V
16V
20V
25V
*1
∆C/C
(%)
Part Number
*2 Leakage
Current
(µA)
Disspation
Factor
(% @120Hz)
Case
code
ESR
(
@100kHz)
Rated Volt
Rated
Capacitance
(µF)
Capacitance
code
*2 : Leakage Current
After 5 minute's application of rated voltage, leakage current at 20˚C.
Applications
Smartphone
Wireless module
Mobile phone
Hearing aid
We can consider the type of compliance to AEC-Q200.
Please contact to your local Nichicon sales office
when these series are being designed in your application.
U
U
M
M
M
M
S
M
S
S
U
M
M
M
M
M
S
S
U
M
M
M
S
S
S
M
M
M
S
M
M
F980G475MUA
F980G106MUA
F980G226MMA
F980G336MMA
F980G476MMA
F980G686MMA
F980G686MSA
F980G107MMA
F980G107MSA
F980G227MSA
F980J475MUA
F980J475MMA
F980J106MMA
F980J226MMA
F980J336MMA
F980J476MMA
F980J476MSA
F980J107MSA
F981A225MUA
F981A225MMA
F981A475MMA
F981A106MMA
F981A226MSA
F981A336MSA
F981A476MSA
F981C105MMA
F981C225MMA
F981C475MMA
F981C106MSA
F981D105MMA
F981E105MMA
0.5
0.8
0.9
1.3
1.9
27.2
2.7
80.0
4.0
132
0.6
0.5
0.6
1.4
4.2
29.6
3.0
63.0
0.5
0.5
0.5
1.0
2.2
3.3
9.4
0.5
0.5
0.8
1.6
0.5
0.5
20
25
15
30
40
50
30
60
35
80
20
20
8
20
35
45
25
50
15
6
6
20
20
30
35
6
6
12
18
6
8
20
20
7.5
4
8
10
4
10
4
5
20
7.5
6
6
8
10
6
8
15
7.5
6
7.5
4
6
5
10
10
12
4
10
10
CAT.8100B


Similar Part No. - F981C105MMA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F981C105MMA NICHICON-F981C105MMA Datasheet
73Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
logo
AVX Corporation
F981C105MMA AVX-F981C105MMA Datasheet
117Kb / 3P
   Resin-Molded Chip, High CV Undertab
More results

Similar Description - F981C105MMA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F931A476KAA NICHICON-F931A476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F920E226MPA NICHICON-F920E226MPA Datasheet
109Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2_09 Datasheet
88Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A336KBA NICHICON-F931A336KBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931C475KAA NICHICON-F931C475KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930J476KAA NICHICON-F930J476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2 Datasheet
90Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F980E476MMA NICHICON-F980E476MMA Datasheet
73Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F970J335MAA NICHICON-F970J335MAA_09 Datasheet
73Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F720G107MR NICHICON-F720G107MR Datasheet
85Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com