Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8S22A Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # SM8S22A
Description  Surface Mount Transient Voltage Suppressors (TVS)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SM8S22A Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  SM8S22A Datasheet HTML 1Page - Socay Electornics Co., Ltd. SM8S22A Datasheet HTML 2Page - Socay Electornics Co., Ltd. SM8S22A Datasheet HTML 3Page - Socay Electornics Co., Ltd. SM8S22A Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision February 21, 2014
1 / 4
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SM8S Series
10 To 43 V
6600W
SOCAY Electronics Co., Ltd.
www.socay.com
The SM8S series is designed specifically to protect sensitive
electronic equipment from voltage transients induced by lightning
and other transient voltage events.
DO-218AB
u
Junction passivation optimized design passivated anisotropic
rectifier technology
u
TJ=175°C capability suitable for high reliability and automotive
requirement
u
Available in uni-directional polarity only
u
Low leakage current
u
Low forward voltage drop
u
High surge capability
u
Meets ISO7637-2 surge specification (varied by test condition)
u
Meets MSL level 1,
per J-STD-020,
LF maximum peak of
245
°C
u
AEC-Q101 qualified
u
Compliant to RoHS Directive 2002/95/EC and in accordance
to WEEE 2002/96/EC
VWM
10V to 43V
PPPM (10/1000µs)
6600W
PPPM (10 /10000μs)
5200W
PD
8W
IFSM
700A
TJ max.
175
°C
Use in sensitive electronics protection against voltage transients
induced by inductive load switching and lighting, especially for
automotive load dump protection application.
Parameter
Symbol
Value
Unit
with 10/1000
µs waveform
6600
Peak Pulse Power Dissipation
with 10/10000
µs waveform
PPPM
5200
Watts
Power Dissipation on Infinite Heat Sink at TA=25°C (Fig.1)
PD
8.0
Watt
Peak Pulse Current with a 10/1000
µs waveform
IPPM
(1)
See Next Table
Amps
Peak Forward Surge Current, 8.3ms Single Half Sine Wave (Note 3)
IFSM
700
Amps
Operating junction and Storage Temperature Range
TJ , TSTG
- 55 to + 175
°C
Typical thermal resistance, junction to case
R θJC
0.90
°C /Watt
Notes:
1. Non-repetitive current pulse derated above TA=25°C
Maximum Ratings and Thermal Characteristics
(TA=25℃ unless otherwise noted)
Functional Diagram
Primary Characteristics
Uni-direction
Cathode
Anode
Description
Features
Applications


Similar Part No. - SM8S22A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM8S22A VISHAY-SM8S22A Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
logo
SUNMATE electronic Co.,...
SM8S22A SUNMATE-SM8S22A Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
SM8S22A LEIDITECH-SM8S22A Datasheet
1Mb / 6P
   6600W Transient Voltage Suppressor
logo
Vishay Siliconix
SM8S22A VISHAY-SM8S22A Datasheet
115Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Shanghai Shunye Electro...
SM8S22A SHUNYE-SM8S22A Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
More results

Similar Description - SM8S22A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com