Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50PT Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 50PT
Description  Medium Power Thyristors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

50PT Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  50PT_14 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 50PT_14 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 50PT_14 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 50PT_14 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 50PT_14 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 50PT_14 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 50PT_14 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
FORWARD CONDUCTION
PARAMETER
SYMBOL
UNITS
TEST CONDITIONS
VALUES
Maximum average forward current
at case temperature
IT(AV)
180° conduction, half sine wave
IT(RMS)
Maximum RMS on-state current
50
A
94
ºC
78.5
Maximum peak, one-cycle
non-reptitive surge current
ITSM
t = 10ms
t = 8.3ms
t = 10ms
t
= 8.3ms
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
No voltage
reapplied
100%VRRM
reapplied
No voltage
reapplied
100%VRRM
reapplied
2
I t
Sinusoidal half wave,
initial T = T maximum
J
J
1430
1490
1200
1255
10.22
9.32
7.23
6.59
2
A s
A
A
102.2
t = 0.1 to 10 ms, no voltage reapplied,
2
I √t
Maximum l²t for fusing
Maximum l²√t for fusing
2
A s
Low level value of threshold voltage
VT(TO)1
0.94
V
High level value of threshold voltage
VT(TO)2
Low level value of
on-state slope resistance
4.08
High level value of
on-state slope resistance
Maximum on-state voltage
Maximum holding current
150
mA
Latching current
300
rt1
rt2
VTM
lH
lL
T = T maximum
J
J
(16.7 % x π x l
< l <
),
T(AV)
πx lT(AV)
T = T maximum
J
J
(
),T =T maximum
J
J
πx l
< I < 20 × π× I
T(AV)
T(AV)
T = T maximum
J
J
(16.7 % x π x l
< l <
),
T(AV)
πx lT(AV)
T = T maximum
J
J
(
),
πx l
< I < 20 × π× l
T(AV)
T(AV)
T = T maximum
J
J
l
= 157 A, T = 25°C
pk
J
T = 25 °C, anode supply 22 V, resistive load
J
1.08
3.34
1.60
V
Page 2 of 7
www.nellsemi.com
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
VOLTAGE
TYPE
VDRM
/VRRM, MAXIMUM
VRSM, MAXIMUM
IDRM
/IRRM, MAXIMUM
NUMBER
CODE
REPETITIVE PEAK AND
NON-REPETITIVE
(2)
PEAK VOLTAGE
AT T = T
J
J MAXIMUM
V
V
mA
06
600
700
08
800
900
50PTS
1000
1100
15
10
12
1200
1300
16
1600
1700
Note
(1) Units may be broken over non-repetitively in the off-state direction without damage, if dI/dt does not exceed 20 A/µs
(2) For voltage pulses with tp ≤ 5 ms
initial l = 2A
T
Anode supply 6V , resistive load
(1)
OFF-STATE VOLTAGE
50PTS Series


Similar Part No. - 50PT_14

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
50PT1150AX BOTHHAND-50PT1150AX Datasheet
280Kb / 1P
   50 PIN DIP ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
logo
Nell Semiconductor Co.,...
50PTS10 NELLSEMI-50PTS10 Datasheet
714Kb / 7P
   Medium Power Thyristors
50PTS12 NELLSEMI-50PTS12 Datasheet
714Kb / 7P
   Medium Power Thyristors
50PTS16 NELLSEMI-50PTS16 Datasheet
714Kb / 7P
   Medium Power Thyristors
More results

Similar Description - 50PT_14

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25RIA IRF-25RIA Datasheet
234Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
50PTS NELLSEMI-50PTS_17 Datasheet
714Kb / 7P
   Medium Power Thyristors
logo
International Rectifier
50RIA160S90M IRF-50RIA160S90M Datasheet
231Kb / 9P
   MEDIUM POWER THYRISTORS
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA_13 Datasheet
134Kb / 4P
   MEDIUM POWER THYRISTORS
logo
International Rectifier
VS-22RIA120 IRF-VS-22RIA120 Datasheet
229Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Inchange Semiconductor ...
MCR231A ISC-MCR231A Datasheet
226Kb / 2P
   Medium Power Thyristors
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA Datasheet
326Kb / 4P
   MEDIUM POWER THYRISTORS
logo
International Rectifier
22RIA IRF-22RIA Datasheet
225Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
25PTS NELLSEMI-25PTS_17 Datasheet
277Kb / 6P
   Medium Power Thyristors
logo
International Rectifier
10RIA IRF-10RIA Datasheet
182Kb / 8P
   MEDIUM POWER THYRISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com