Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF11-8DS-2C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DF11-8DS-2C
Description  2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DF11-8DS-2C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DF11-8DS-2C Datasheet HTML 1Page - List of Unclassifed Manufacturers DF11-8DS-2C Datasheet HTML 2Page - List of Unclassifed Manufacturers DF11-8DS-2C Datasheet HTML 3Page - List of Unclassifed Manufacturers DF11-8DS-2C Datasheet HTML 4Page - List of Unclassifed Manufacturers DF11-8DS-2C Datasheet HTML 5Page - List of Unclassifed Manufacturers DF11-8DS-2C Datasheet HTML 6Page - List of Unclassifed Manufacturers DF11-8DS-2C Datasheet HTML 7Page - List of Unclassifed Manufacturers DF11-8DS-2C Datasheet HTML 8Page - List of Unclassifed Manufacturers DF11-8DS-2C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
103
2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11 Series
sFeatures
1. Space-saving on Board Realized
Double rows of 2mm pitch contact has been condensed
within the 5mm width.
The multiple number of signals can be secured in the same
space as the conventional 2mm single-row contact.
2. Broad Variation
The insulation displacement and crimping methods are
prepared for connection. Thus, board to cable, in-line,
board to board connectors are provided in order to widen a
board design variation.
In addition, "Gold" or "Tin" can be selected for the plating
according application, while the SMT products line up.
3. Applicable Wire Covers Wide Range
According to the double rows of 2mm pitch compact
design, the applicable wire can cover AWG22 to 30.
4. The ID Type Connector Achieves Connection
Work.
Using the full automatic insulation displacement machine,
the complicated multi-harness can be easily connected,
reducing the man-hour and eliminating the manual work
process.
Rib to prevent
mis-insertion
Simple lock
Rib to prevent contact
mis-insertion as well as
disimilar contact mis-insertion
4 wall box style
5mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - DF11-8DS-2C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF11-8DS-2C HIROSE-DF11-8DS-2C Datasheet
444Kb / 12P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-8DS-2C HIROSE-DF11-8DS-2C Datasheet
450Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-8DS-2C HIROSE-DF11-8DS-2C Datasheet
368Kb / 8P
   Ultra-small Rack/Panel Crimp Connectors
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 12 DF11-8DS-2C(**) ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com