Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7582BA-TR Datasheet(PDF) 7 Page - Clare, Inc.

Part # CPC7582BA-TR
Description  Line Card Access Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7582BA-TR Datasheet(HTML) 7 Page - Clare, Inc.

Back Button CPC7582BA-TR Datasheet HTML 3Page - Clare, Inc. CPC7582BA-TR Datasheet HTML 4Page - Clare, Inc. CPC7582BA-TR Datasheet HTML 5Page - Clare, Inc. CPC7582BA-TR Datasheet HTML 6Page - Clare, Inc. CPC7582BA-TR Datasheet HTML 7Page - Clare, Inc. CPC7582BA-TR Datasheet HTML 8Page - Clare, Inc. CPC7582BA-TR Datasheet HTML 9Page - Clare, Inc. CPC7582BA-TR Datasheet HTML 10Page - Clare, Inc. CPC7582BA-TR Datasheet HTML 11Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Pin
Name
Function
1F
GND
Fault ground
2T
BAT
Connect to TIP on SLIC side
3T
LINE
Connect to TIP on line side
4T
RING
Connect to return ground for ringing
generator
5T
ACCESS
Test access
6V
DD
+5V supply
7
TSD
Temperature shutdown pin. Can be
used as a logic level input or output.
See Tables 6, 7 and 9 for more
details. As an output, will read +5V
when device is in its operational mode
and 0V in the thermal shutdown mode.
To disable the thermal shutdown
mechanism, tie this pin to +5V
(NOT Recommended).
8D
GND
Digital ground
9IN
ACCESS
Logic level switch control
10
IN
RING
Logic level input switch control
11
LATCH
Data latch control, active high,
transparent low
12
R
ACCESS
Test access
13
R
RING
Connect to ringing generator
14
R
LINE
Connect to RING on line side
15
R
BAT
Connect to RING on SLIC side
16
V
BAT
Battery voltage. Used as a reference
for protection circuit
Table 9. Truth Table
Input
Access
TSD
Tip Break
Ring
Ringing
Ring
Tip
Ring
Switch
Break
Return
Switch
Access
Access
Switch
Switch
Switch
Switch
0V
0V
5V/Float5
On
On
Off
Off
Off
Off1
5V
0V
5V/Float5
Off
Off
On
On
Off
Off2
0V
5V
5V/Float5
Off
Off
Off
Off
On
On3
5V
5V
5V/Float5
Off
Off
Off
Off
Off
Off4
Don’t
Don’t
0V6
Off
Off
Off
Off
Off
Off4
Care
Care
1 Idle/Talk State
2 Power Ringing State
3 Test out message waiting state.
4 All OFF State
5 If TSD = 5V, the thermal shutdown mechanism is disabled.
If TSD if floating, the thermal shutdown mechanism is active.
6 Forcing TSD to ground overrides the logic input pins and forces an all off state.
CPC7582
www.clare.com
7
Rev. 1.0
CPC7582
1
2
3
4
16
15
14
13
5
6
7
8
T
BAT
12
11
10
9
SCR
and
Trip
Circuit
SW3
SW5
SW1
SW4
SW6
SW2
F
GND
T
LINE
T
RING
T
ACCESS
V
DD
TSD
D
GND
V
BAT
R
BAT
R
LINE
R
RING
R
ACCESS
LATCH
IN
RING
IN
ACCESS
Package Pinout
* Only the CPC7582BA contains the protection SCR.


Similar Part No. - CPC7582BA-TR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7582BATR CLARE-CPC7582BATR Datasheet
572Kb / 19P
   Line Card Access Switch
More results

Similar Description - CPC7582BA-TR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
   Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
   Line Card Access Switch
logo
Clare, Inc.
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
   Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
   Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
   Line Card Access Switch
logo
Clare, Inc.
CPC7595 CLARE-CPC7595_1 Datasheet
664Kb / 24P
   Line Card Access Switch
CPC7595 CLARE-CPC7595 Datasheet
562Kb / 25P
   Line Card Access Switch
CPC7581 CLARE-CPC7581_1 Datasheet
532Kb / 17P
   Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com