Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7583BB Datasheet(PDF) 8 Page - Clare, Inc.

Part # CPC7583BB
Description  Line Card Access Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7583BB Datasheet(HTML) 8 Page - Clare, Inc.

Back Button CPC7583BB Datasheet HTML 4Page - Clare, Inc. CPC7583BB Datasheet HTML 5Page - Clare, Inc. CPC7583BB Datasheet HTML 6Page - Clare, Inc. CPC7583BB Datasheet HTML 7Page - Clare, Inc. CPC7583BB Datasheet HTML 8Page - Clare, Inc. CPC7583BB Datasheet HTML 9Page - Clare, Inc. CPC7583BB Datasheet HTML 10Page - Clare, Inc. CPC7583BB Datasheet HTML 11Page - Clare, Inc. CPC7583BB Datasheet HTML 12Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.clare.com
8
Rev. E
CPC7583
Table 12. Truth Table for the CPC7583BA and CPC7583BB
INring
INtestin
INtestout
TSD
TESTin
Break
RingTest
Ring
TESTout
Switches
Switches
Switches
Switches
Switches
0V
0V
0V
5V/Float1
Off
On
Off
Off
Off3
0V
0V
5V
5V/Float1
Off
Off
Off
Off
On4
0V
5V
0V
5V/Float1
On
Off
Off
Off
Off5
5V
0V
0V
5V/Float1
Off
Off
Off
On
Off6
5V
5V
0V
5V/Float1
Off
Off
On
Off
Off7
0V
5V
5V
5V/Float1
On
Off
Off
Off
On8
5V
0V
5V
5V/Float1
Off
Off
Off
Off
Off9
5V
5V
5V
5V/Float1
Off
Off
Off
Off
Off9
Don’t
Don’t
Don’t
0V2
Off
Off
Off
Off
Off9
Care
Care
Care
1
If TSD = 5V, the thermal shutdown mechanism is disabled.
If TSD if floating, the thermal shutdown mechanism is active.
2
Forcing TSD to ground overrides the logic input pins and forces an all off state.
3
Idle/Talk State.
4
TESTout state.
5
TESTin state.
6
Power Ringing State.
7
Ringing generator test state.
8
Simultaneous TESTout and TESTin state.
9
All OFF State
A parallel in/parallel out data latch is integrated into the CPC7583. Operation of the data latch is controlled by the logic level input pin
LATCH. The data input to the latch is the INPUT pin of the CPC7583 and the output of the data latch is an internal node used for state
control.
When the LATCH control pin is at logic 0, the data latch is transparent and data control signals flow directly from INPUT, through the data
latch to state control. Any changes in INPUT will be reflected in the state of the switches.
When the LATCH control pin is at logic 1, the data latch is active; the CPC7583 will no longer react to changes at the INPUT control pin. The
state of the switches is now latched; that is, the state of the switches will remain as they were when the LATCH input transitioned from logic
0 to logic 1. The switches will not respond to changes in INPUT as long as LATCH is held high.
Note that the Tsd input is not tied to the data latch. Tsd is not affected by the LATCH input. Tsd input will override state control via INPUT
and LATCH.


Similar Part No. - CPC7583BB

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7583BBTR CLARE-CPC7583BBTR Datasheet
624Kb / 21P
   Line Card Access Switch
More results

Similar Description - CPC7583BB

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
   Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
   Line Card Access Switch
logo
Clare, Inc.
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
   Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
   Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
   Line Card Access Switch
logo
Clare, Inc.
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
   Line Card Access Switch
CPC7595 CLARE-CPC7595_1 Datasheet
664Kb / 24P
   Line Card Access Switch
CPC7595 CLARE-CPC7595 Datasheet
562Kb / 25P
   Line Card Access Switch
CPC7581 CLARE-CPC7581_1 Datasheet
532Kb / 17P
   Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com