Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF11-24DS-2DSA Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # DF11-24DS-2DSA
Description  2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DF11-24DS-2DSA Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DF11-24DS-2DSA Datasheet HTML 6Page - List of Unclassifed Manufacturers DF11-24DS-2DSA Datasheet HTML 7Page - List of Unclassifed Manufacturers DF11-24DS-2DSA Datasheet HTML 8Page - List of Unclassifed Manufacturers DF11-24DS-2DSA Datasheet HTML 9Page - List of Unclassifed Manufacturers DF11-24DS-2DSA Datasheet HTML 10Page - List of Unclassifed Manufacturers DF11-24DS-2DSA Datasheet HTML 11Page - List of Unclassifed Manufacturers DF11-24DS-2DSA Datasheet HTML 12Page - List of Unclassifed Manufacturers DF11-24DS-2DSA Datasheet HTML 13Page - List of Unclassifed Manufacturers DF11-24DS-2DSA Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
112
DF11 Seriesq2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
sIn-line Adaptor
sIn-line Adaptor Panel Cutouts
Note1: Please use the non-radius surface in the panel hooking area.
Note2: Applicable panel thickness is 1.6 to 1.0mm (A slight backlash will occur in the thickness other than 1.6 and 1.2mm.)
Part Number
CL No.
Unit: mm
DF11- 4DEP-2A
DF11- 6DEP-2A
DF11- 8DEP-2A
DF11-10DEP-2A
DF11-12DEP-2A
DF11-14DEP-2A
DF11-16DEP-2A
DF11-18DEP-2A
DF11-20DEP-2A
DF11-22DEP-2A
DF11-24DEP-2A
DF11-26DEP-2A
DF11-28DEP-2A
DF11-30DEP-2A
DF11-32DEP-2A
543-0698-1
543-0699-4
543-0700-1
543-0701-4
543-0702-7
543-0703-0
543-0704-2
543-0705-5
543-0706-8
543-0707-0
543-0708-3
543-0709-6
543-0710-5
543-0711-8
543-0712-0
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
11.0
13.0
15.0
17.0
19.0
21.0
23.0
25.0
27.0
29.0
31.0
33.0
35.0
37.0
39.0
9.2
11.2
13.2
15.2
17.2
19.2
21.2
23.2
25.2
27.2
29.2
31.2
33.2
35.2
37.2
Number of Contacts
A
B
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
C
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
D
9.4
11.4
13.4
15.4
17.4
19.4
21.4
23.4
25.4
27.4
29.4
31.4
33.4
35.4
37.4
E
6.3
8.3
10.3
12.3
14.3
16.3
18.3
20.3
22.3
24.3
26.3
28.3
30.3
32.3
34.3
F
Note1: Delivered per bag unit (100 pcs.). Please order products per bag unit.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - DF11-24DS-2DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF11-24DS-2DSA HIROSE-DF11-24DS-2DSA Datasheet
444Kb / 12P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-24DS-2DSA HIROSE-DF11-24DS-2DSA Datasheet
450Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 15 DF11-24DS-2DSA(**) ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com