Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IAA170P Datasheet(PDF) 2 Page - Clare, Inc.

Part # IAA170P
Description  Integrated Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IAA170P Datasheet(HTML) 2 Page - Clare, Inc.

  IAA170P Datasheet HTML 1Page - Clare, Inc. IAA170P Datasheet HTML 2Page - Clare, Inc. IAA170P Datasheet HTML 3Page - Clare, Inc. IAA170P Datasheet HTML 4Page - Clare, Inc. IAA170P Datasheet HTML 5Page - Clare, Inc. IAA170P Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
IAA170P
Rev. 1
Absolute Maximum Ratings are stress ratings. Stresses
in excess of these ratings can cause permanent damage
to the device. Functional operation of the device at these
or any other conditions beyond those indicated in the
operational sections of this data sheet is not implied.
Exposure of the device to the absolute maximum ratings
for an extended period may degrade the device and effect
its reliability.
Absolute Maximum Ratings (@ 25˚ C)
2
Parameter
Min
Typ
Max Units
Total Package Dissipation
-
-
11
W
Isolation Voltage
Input to Output
3750
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
-
-
+220
°C
(10 Seconds Max.)
1 Above 25˚ derate linerity 1.67mw/˚C
Electrical Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Relay Portion
Output Characteristics @ 25°C
Load Voltage (Peak)
-
V
L
-
-
350
V
Load Current (Continuous)
-
I
L
-
-
100
mA
Peak Load Current
10ms
I
LPK
-
-
350
mA
On-Resistance
I
L=100mA
R
ON
--
50
Off-State Leakage Current
V
L=350V; TJ=25°C
I
LEAK
--
1µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
--
5
ms
Turn-Off
I
F=5mA, VL=10V
T
OFF
--
5
ms
Output Capacitance
V
L=50V, f=1MHz
-
-
25
-
pF
Relay Portion
Input Characteristics @ 25°C
Input Control Current
I
L=100mA
I
F
5-
50
mA
Input Dropout Current
I
L=1mA
I
F
0.4
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
--
5
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Detector Portion
Output Characteristics @ 25°C
Phototransistor Blocking Voltage
I
C=10µA
B
VCEO
20
50
-
V
Phototransistor Dark Current
V
CE=5V, IF=0mA
I
CEO
-
50
500
nA
Saturation Voltage
I
C=2mA, IF=16mA
V
SAT
-
0.3
0.5
V
Current Transfer Ratio
I
F=6mA, VCE=0.5V
C
TR
33
-
-
%
Detector Portion
Input Characteristics @ 25°C
Input Control Current
I
C=2mA,VCE=0.5V
I
F
62
-
mA
Input Voltage Drop
I
F=5mA
I
CEO
0.9
1.2
1.4
V
Input Current
I
C=1µA, VCE=5V
-
5
25
-
µA
(Detector must be off)
Input to Output Capacitance
V
L=50V, f=1MHz
C
I/O
-3
-
pF
Input to Output Isolation
-
V
I/O
3750
-
-
V
RMS


Similar Part No. - IAA170P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IAA110 CLARE-IAA110 Datasheet
402Kb / 6P
   Integrated Telecom Circuits
IAA110P CLARE-IAA110P Datasheet
402Kb / 6P
   Integrated Telecom Circuits
IAA110P CLARE-IAA110P Datasheet
215Kb / 5P
   Integrated Telecom Circuits
logo
IXYS Corporation
IAA110P IXYS-IAA110P Datasheet
118Kb / 6P
   Integrated Telecom Circuits
logo
Clare, Inc.
IAA110PTR CLARE-IAA110PTR Datasheet
402Kb / 6P
   Integrated Telecom Circuits
More results

Similar Description - IAA170P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC660L ETC-MC660L Datasheet
557Kb / 8P
   INTEGRATED CIRCUITS
logo
NXP Semiconductors
CBT6832 PHILIPS-CBT6832 Datasheet
59Kb / 8P
   INTEGRATED CIRCUITS
2000 Jul 18
logo
Motorola, Inc
MC853 MOTOROLA-MC853 Datasheet
665Kb / 9P
   INTEGRATED CIRCUITS
logo
Kwazar-IS
140UD26A KWAZAR-140UD26A Datasheet
185Kb / 2P
   Integrated circuits
140UD25A KWAZAR-140UD25A Datasheet
1Mb / 2P
   Integrated circuits
logo
List of Unclassifed Man...
LC93300A ETC1-LC93300A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
logo
Clare, Inc.
IAD170P CLARE-IAD170P Datasheet
92Kb / 6P
   Integrated Circuits
logo
Kwazar-IS
525PC2A KWAZAR-525PC2A Datasheet
189Kb / 2P
   Integrated circuits
logo
Clare, Inc.
ITC100P CLARE-ITC100P Datasheet
392Kb / 4P
   Integrated Telecom Circuits
ITC107P CLARE-ITC107P Datasheet
394Kb / 4P
   Integrated Telecom Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com