Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206SFF175F63 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 1206SFF175F63
Description  Surface-mount Fuses Fundamentals
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFF175F63 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 1206SFF175F63 Datasheet HTML 6Page - Tyco Electronics 1206SFF175F63 Datasheet HTML 7Page - Tyco Electronics 1206SFF175F63 Datasheet HTML 8Page - Tyco Electronics 1206SFF175F63 Datasheet HTML 9Page - Tyco Electronics 1206SFF175F63 Datasheet HTML 10Page - Tyco Electronics 1206SFF175F63 Datasheet HTML 11Page - Tyco Electronics 1206SFF175F63 Datasheet HTML 12Page - Tyco Electronics 1206SFF175F63 Datasheet HTML 13Page - Tyco Electronics 1206SFF175F63 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
84
RoHS Compliant, ELV Compliant
HF Halogen Free
11
% of rated current
Clear time at 25°C
100%
4 hours min.
250%
5 seconds max.
400%
0.05 seconds max.
0402SFF050F/24
0.50
0.380
0.0043
24
35
0402SFF075F/24
0.75
0.210
0.0076
24
35
0402SFF100F/24
1.00
0.120
0.0170
24
35
0402SFF150F/24
1.50
0.056
0.0490
24
35
0402SFF200F/24
2.00
0.035
0.0700
24
35
0402SFF300F/24
3.00
0.021
0.1250
24
35
0402SFF400F/24
4.00
0.014
0.2250
24
35
Part Number
0603SFF050F/32
0.50
0.485
0.0029
32
50
0603SFF075F/32
0.75
0.254
0.0064
32
50
0603SFF100F/32
1.00
0.131
0.0160
32
50
0603SFF150F/32
1.50
0.059
0.0300
32
35
0603SFF200F/32
2.00
0.044
0.0600
32
35
0603SFF250F/32
2.50
0.032
0.1150
32
35
0603SFF300F/32
3.00
0.025
0.1900
32
35
0603SFF350F/32
3.50
0.024
0.2950
32
35
0603SFF400F/32
4.00
0.018
0.4000
32
35
0603SFF500F/32
5.00
0.013
0.7000
32
35
0603SFF600F/24
6.00
0.010
1.1250
24
35
1206SFF050F/63
0.50
0.730
0.0021
63
50
1206SFF075F/63
0.75
0.513
0.0052
63
50
1206SFF100F/63
1.00
0.220
0.0120
63
50
1206SFF150F/63
1.50
0.120
0.0250
63
50
1206SFF175F/63
1.75
0.100
0.0450
63
50
1206SFF200F/63
2.00
0.050
0.0700
63
50
1206SFF250F/32
2.50
0.035
0.1400
32
50
1206SFF300F/32
3.00
0.031
0.2200
32
50
1206SFF400F/32
4.00
0.022
0.3800
32
45
1206SFF500F/32
5.00
0.015
0.6000
32
45
1206SFF600F/32
6.00
0.013
1.0000
32
50
1206SFF700F/32
7.00
0.011
1.7500
32
50
1206SFF800F/32
8.00
0.008
2.5000
32
50
1206SFF600F/24
6.00
0.013
1.0000
24
45
1206SFF700F/24
7.00
0.011
1.7500
24
45
1206SFF800F/24
8.00
0.008
2.5000
24
45
* Measured at
10% of rated current and 25°C ambient temperature.
† Melting I2t at 0.001 sec clear time.
0402 (1005mm) Fast-Acting Chip Fuses
0603 (1608mm) Fast-Acting Chip Fuses
1206 (3216mm) Fast-Acting Chip Fuses
0.063
(1.60)
0.039±0.004
(1.00±0.10)
0.020±0.004
(0.51±0.10)
0.010±0.004
(0.25±0.10)
0.020±0.004
(0.51±0.10)
Shape and
Dimensions
Inch (mm)
Recommended
Pad Layout
Inch (mm)
0.028
(0.70)
0.024
(0.60)
0.016
(0.40)
Shape and
Dimensions
Inch (mm)
Recommended
Pad Layout
Inch (mm)
0.031±0.006
(0.80±0.15)
0.031±0.006
(0.80±0.15)
0.014±0.006
(0.36±0.15)
0.063±0.006
(1.60±0.15)
0.110
(2.80)
0.039
(1.00)
0.043
(1.09)
0.024
(0.60)
Shape and
Dimensions
Inch (mm)
Recommended
Pad Layout
Inch (mm)
0.063±0.008
(1.60±0.20)
0.126±0.008
(3.20±0.20)
0.043±0.008
(1.10±0.20)
0.020±0.010
(0.51±0.25)
0.173
(4.40)
0.071
(1.80)
0.057
(1.45)
0.059
(1.50)
Table FF1 Clear Time Characteristics for Fast-Acting Chip Fuses
Table FF2
Typical Electrical Characteristics, Dimensions and Recommended Pad Layout for
Fast-Acting Chip Fuses
Rated
Current
(A)
Nominal
Cold DCR
(
Ω)*
Voltage
(VDC)
Current
(A)
Nominal
I2t
(A2sec)
Typical Electrical Characteristics
Max. Interrupt Ratings
Part Number
Rated
Current
(A)
Nominal
Cold DCR
(
Ω)*
Voltage
(VDC)
Current
(A)
Nominal
I2t
(A2sec)
Typical Electrical Characteristics
Max. Interrupt Ratings
Part Number
Rated
Current
(A)
Nominal
Cold DCR
(
Ω)*
Voltage
(VDC)
Current
(A)
Nominal
I2t
(A2sec)
Typical Electrical Characteristics
Max. Interrupt Ratings
040
0
0
02SF
F
S F
F050F/24
0
4
40
0
0.50
0.380
0.0
0
040
040
040
0
0 0
040
0
2S
SF
S
S
S F
F075F/24
4
40.75
0.210
0.0
040
0
04
4
04 2S
S
SF
S
S
S F
F100F///
F/2
2
24
1
2
2
.00
0.120
0.0
0402S
SF
S
S
S
S F15
F15
5
5
1 0
0F/24
1.50
0.056
0.0
0402
2
2SF
2
2
2
F200F/24
2.00
0.035
0.0
040
40
0
0
0
40
4 2SFF300F/24
3.00
0.021
0.1
0402SFF400F/24
4.00
0.014
0.2
ParrrrrtNu
tNu
tN
tNu
tNu
t
mbe
mbe
be
e
ber
0603SFF050F/32
0.50
0.485
0.0
S
-Acting ChipF
F
F
F
Fu
use
es
e
e
e
e
ActtttttingC
gC
gC
gC
g C
g C
C
g
h
h
hi
h
h
h
h
h p
p
pFuse
e
es
e
e
e
0.063
3
3
3
3
(1.60
0)
0
0
0
0.039±0.004
(1.00±0.
±0
±0.
± 10)
10
1
1
0.020±0.
0±0
0
0
0
0
0
004
(0.51±0.
1±0
0 10)
±0.004
±0.10)
4
)
0.028
8
8
8
(0
0.70
0))
0)
0)
0)
0)
0.016
(0.40
0
0)
0
Clear time at 25°C
4 hours min.
5seconds max.
0.05 seconds max.
0.031±0.006
(0 80±0 15)
0.063±0..006
(1.60±0
0
0.
0
0
0 15)
e Characteristics for Fast-Acting Chip Fu
u
u
u
us
s
s
se
s s
ectrical Characteris
s
s
s
sti
tti
ti
t cs
c
c
c
c , Dimen
en
e
e
e
e
e siions
sand Re
e
eco
o
om
mm
m
me
e
en
e d
d
ded
g Chip Fuses
Ratted
Currrenttt
(A
A)
Nominal
Cold DCR
(
Ω)*
No
(A2
Typ
T
Typ
T
T
ica
allElle
ectric
riic
ric
c
i al Character
Part Number
Rated
Current
(A)
Nominal
Cold DCR
(
Ω)*
No
(A2
Typical Electrical Character


Similar Part No. - 1206SFF175F63

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1206SFF175F MACOM-1206SFF175F Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
1206SFF175F/63 MACOM-1206SFF175F/63 Datasheet
180Kb / 4P
   Raychem Fast Acting Surface-Mount Fuses
More results

Similar Description - 1206SFF175F63

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0603SFP100F MACOM-0603SFP100F Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
1206SFF500F32-2 MACOM-1206SFF500F32-2 Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
448 LITTELFUSE-448_10 Datasheet
204Kb / 4P
   Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
   Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
   Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
   Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com