Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206SFH100F24 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 1206SFH100F24
Description  Surface-mount Fuses Fundamentals
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFH100F24 Datasheet(HTML) 5 Page - Tyco Electronics

  1206SFH100F24 Datasheet HTML 1Page - Tyco Electronics 1206SFH100F24 Datasheet HTML 2Page - Tyco Electronics 1206SFH100F24 Datasheet HTML 3Page - Tyco Electronics 1206SFH100F24 Datasheet HTML 4Page - Tyco Electronics 1206SFH100F24 Datasheet HTML 5Page - Tyco Electronics 1206SFH100F24 Datasheet HTML 6Page - Tyco Electronics 1206SFH100F24 Datasheet HTML 7Page - Tyco Electronics 1206SFH100F24 Datasheet HTML 8Page - Tyco Electronics 1206SFH100F24 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
79
RoHS Compliant, ELV Compliant
HF Halogen Free
11
100
10
1
0.1
0.01
0.001
0.0001
10
100
1
Current (A)
0603SFP Average Time Current Curves
Figure FP1
10,000
1000
100
10
1
0.1
0.01
0.01
0.001
10
0.1
1
100
0.0001
Time (s)
0603SFP I2T vs. t Curves
1.0A
1.5A
2.0A
2.5A
3.0A
3.5A
4.0A
4.5A
5.0A
Figure FP2
Note: Curves are nominal
Figure FP1-FP4 Family Performance Curves for Pulse Tolerant Chip Fuses
060
06
060
060
060
060
0
03SF
3
P
P
PI
P
P
P 2T vs. t Curves
10
0
C
Currrr
C rr
rre
ent (((A)
A
A))
A)
A
A


Similar Part No. - 1206SFH100F24

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1206SFH100F MACOM-1206SFH100F Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
1206SFH100F/24 MACOM-1206SFH100F/24 Datasheet
123Kb / 3P
   Surface Mount Fuse High Current
More results

Similar Description - 1206SFH100F24

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0603SFP100F MACOM-0603SFP100F Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
1206SFF500F32-2 MACOM-1206SFF500F32-2 Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
448 LITTELFUSE-448_10 Datasheet
204Kb / 4P
   Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
   Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
   Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
   Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com