Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAA125 Datasheet(PDF) 2 Page - Clare, Inc.

Part # LAA125
Description  DUAL POLE OptoMOS Relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LAA125 Datasheet(HTML) 2 Page - Clare, Inc.

  LAA125 Datasheet HTML 1Page - Clare, Inc. LAA125 Datasheet HTML 2Page - Clare, Inc. LAA125 Datasheet HTML 3Page - Clare, Inc. LAA125 Datasheet HTML 4Page - Clare, Inc. LAA125 Datasheet HTML 5Page - Clare, Inc. LAA125 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
LAA125
R4
Electrical Characteristics
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure
of the device to the absolute maximum ratings for an
extended period may degrade the device and effect its
reliability.
Absolute Maximum Ratings (@ 25˚ C)
2
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Output Characteristics @ 25°C
Load Voltage (Peak)
-
V
L
-
-
350
V
Load Current (Continuous)
-
I
L
-
-
170
mA
Peak Load Current
10ms max
I
LPK
-
-
400
mA
On-Resistance
AC/DC Configuration
I
L=Load Current
R
ON
--
16
Off-State Leakage Current
V
L=350V
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
--
5
ms
Turn-Off
I
F=5mA, VL=10V
T
OFF
--
5
ms
Output Capacitance
50V; f=1MHz
C
OUT
-50
-
pF
Input Characteristics @ 25°C
Input Control Current
I
L=170mA
I
F
5-
50
mA
Input Dropout Current
-
-
0.4
0.7
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
--
5
V
Reverse Input Current
VR=5V
I
R
--
10
µA
Input Characteristics @ 25°C
Input to Output Capacitance
-
C
I/O
-3
-
pF
Input to Output Isolation
-
V
I/O
3750
-
-
V
RMS
Parameter
Min
Typ
Max Units
Input Power Dissipation
-
-
1501
mW
Input Control Current
-
-
50
mA
Peak (10ms)
-
-
1
A
Reverse Input Voltage
-
-
5
V
Total Power Dissipation
-
-
8002
mW
Capacitance
Input to Output
-
3
-
pF
Isolation Voltage
Input to Output
3750
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
DIP Package
-
-
+260
°C
Flatpack/Surface Mount
Package
-
-
+220
°C
(10 Seconds Max.)
1 Derate Linearly 1.33 mw/˚C
2 Derate Linearly 6.67 mw/˚C


Similar Part No. - LAA125

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LAA125 IXYS-LAA125 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relays
logo
Clare, Inc.
LAA125L CLARE-LAA125L Datasheet
1Mb / 6P
   Single Pole OptoMOS Relays
logo
IXYS Corporation
LAA125L IXYS-LAA125L Datasheet
134Kb / 7P
   Dual Single Pole OptoMOS Relays
logo
Clare, Inc.
LAA125LS CLARE-LAA125LS Datasheet
1Mb / 6P
   Single Pole OptoMOS Relays
logo
IXYS Corporation
LAA125LS IXYS-LAA125LS Datasheet
134Kb / 7P
   Dual Single Pole OptoMOS Relays
More results

Similar Description - LAA125

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PAA140L CLARE-PAA140L Datasheet
128Kb / 6P
   Dual Pole OptoMOS Relays
LCA210L CLARE-LCA210L Datasheet
230Kb / 6P
   Dual Pole OptoMOS Relays
PAA193 CLARE-PAA193 Datasheet
1Mb / 5P
   Dual Pole OptoMOS Relays
logo
IXYS Corporation
PAA193 IXYS-PAA193 Datasheet
122Kb / 7P
   Dual Pole OptoMOS Relays
logo
Clare, Inc.
LAA110 CLARE-LAA110 Datasheet
137Kb / 6P
   Dual Pole OptoMOS Relays
LAA710 CLARE-LAA710 Datasheet
181Kb / 6P
   Dual Pole OptoMOS Relays
PAA132 CLARE-PAA132 Datasheet
281Kb / 6P
   Dual Pole OptoMOS Relays
LAA110L CLARE-LAA110L Datasheet
149Kb / 7P
   Dual Pole OptoMOS Relays
LCA210 CLARE-LCA210 Datasheet
201Kb / 6P
   Dual Pole OptoMOS Relays
logo
IXYS Corporation
LAA125L IXYS-LAA125L Datasheet
134Kb / 7P
   Dual Single Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com