Electronic Components Datasheet Search |
|
ECQE4274F Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
ECQE4274F Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 9 page Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. Plastic Film Capacitors Metallized Polyester Film Capacitor Type: ECQE(F) Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating IFeatures •Self-healing property •Excellent electrical characteristics •Flame retardant epoxy resin coating •RoHS directive compliant IRecommended Applications •General purpose usage ❈Please contact us when applications are CD , ignitor etc. IExplanation of Part Numbers 123456789 10 11 12 E C Q E Product code Dielectric & construction Rated volt. Capacitance F Cap. Tol. Suffix Suffix 1 2 4 6 100 VDC 250 VDC 400 VDC 630 VDC 10 12 1A 2A 1000 VDC 1250 VDC 125 VAC 250 VAC J K ±5 % ±10 % E C Q E Product code Dielectric & construction Rated volt. Capacitance R F Suffix Cap. Tol. Suffix ISpecifications GExplanation of Part Number for Odd Size Taping Category temp. range (Including temperature-rise on unit surface) Rated voltage Capacitance range Capacitance tolerance Dissipation factor (tan ) Withstand voltage Insulation resistance (IR) 100 VDC, 250 VDC,400 VDC, 630 VDC, 1000 VDC, 1250 VDC, 125 VAC, 250 VAC – 40 ˚C to + 105 ˚C – 40 ˚C to + 85 ˚C 100 VDC, 250 VDC, 400 VDC, 630 VDC, 1000 VDC, 1250 VDC, (Derating of rated voltage by 1.25 %/˚C at more than 85 ˚C) 125 VAC, 250 VAC 0.0010 µF to 10 µF (E12) ±5 %(J), ±10 %(K) tan < =1.0 % (20 ˚C, 1 kHz) •Rated volt. 100 V to 630 VDC Between terminals : Rated volt.(VDC)✕150 % 60 s •Rated volt. 1000 VDC, 1250 VDC Between terminals : Rated volt. (VDC)✕175 % 2 s to 5 s or 1000 VAC 60 s Between terminals to enclosure : 1500 VAC 60 s •Rated volt. 125 VAC, 250 VAC Between terminals : Rated volt.(VAC)✕230 % 60 s Between terminals to enclosure : 1500 VAC 60 s 100 V to 630 VDC: C < = 0.33 µF : IR> =9000 MΩ (20 ˚C, 100 VDC, 60 s) C > 0.33 µF : IR> =3000 MΩ . µF 1000 VDC, 1250 VDC: IR> =10000 MΩ (20 ˚C, 100 VDC, 60 s) IR> =2000 MΩ (20 ˚C, 500 VDC, 60 s) 125 VAC, 250 VAC: C < = 0.47 µF : IR> =2000 MΩ (20 ˚C, 500 VDC, 60 s) C > 0.47 µF : IR> =3000 MΩ . µF (20 ˚C, 100 VDC, 60 s) ❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage, please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”. ❈ Voltage to be applied to ECQE1A (F) & ECQE2A (F) is only sine wave (50 Hz or 60 Hz). Suffix Blank B W 3 6 9 Lead Form Straight Crimped lead Crimped taping (Ammo) Crimped taping (Ammo) Crimped taping (Reel) |
Similar Part No. - ECQE4274F |
|
Similar Description - ECQE4274F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |