Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCA220STR Datasheet(PDF) 1 Page - Clare, Inc.

Part # LCA220STR
Description  Commom Input OptoMOS Relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA220STR Datasheet(HTML) 1 Page - Clare, Inc.

  LCA220STR Datasheet HTML 1Page - Clare, Inc. LCA220STR Datasheet HTML 2Page - Clare, Inc. LCA220STR Datasheet HTML 3Page - Clare, Inc. LCA220STR Datasheet HTML 4Page - Clare, Inc. LCA220STR Datasheet HTML 5Page - Clare, Inc. LCA220STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.clare.com
LCA220
DS-LCA220-R6
LCA220 is a common input 1- Form 2A solid state relay
which has two independent optically couple MOSFETs
controlled by a common input signal. The efficient MOS-
FET switches and photovoltaic die use Clare’s patented
OptoMOS architecture to provide 3750 V
RMS of input to
output isolation. The optically coupled input is controlled
by highly efficient GaAIAs infrared LEDs. Common input
OptoMOS relays can replace standard dual pole relays in
a variety of applications. The common input relay elimi-
nates the need to make an external circuit connection
when both poles are controlled by a common signal.
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket Size)
Hookswitch
Dial Pulsing
Ground Start
Ringer Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
UL Recognized: File Number E76270
CSA Certified: File Number LR 43639-10
BSI Certified to:
BS EN 60950:1992 (BS7002:1992)
Certificate #: 7344
BS EN 41003:1993
Certificate #: 7344
Small 8 Pin DIP Package
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
3750V
RMS Input/Output Isolation
FCC Compatible
VDE Compatible
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Surface Mount and Tape & Reel Versions Available
Applications
Features
Description
Approvals
Commom Input OptoMOS® Relays
Ordering Information
Part #
Description
LCA220
8 Pin DIP (50/Tube)
LCA220S
8 Pin Surface Mount (50/Tube)
LCA220STR
8 Pin Surface Mount (1,000/Reel)
LCA220
Units
Load Voltage
250
V
Load Current
120
mA
Max R
ON
20
Pin Configuration
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
Switching Characteristics of
Normally Open (Form A) Devices
1
2
3
4
8
7
6
5
+ Control
Ð Control
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
LCA220 Pinout
NC
NC


Similar Part No. - LCA220STR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA220STR IXYS-LCA220STR Datasheet
123Kb / 7P
   Common Input, Dual Single-Pole OptoMOS Relay
More results

Similar Description - LCA220STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PAA140L CLARE-PAA140L Datasheet
128Kb / 6P
   Dual Pole OptoMOS Relays
LCA126 CLARE-LCA126 Datasheet
100Kb / 6P
   Single Pole OptoMOS Relays
LCA210L CLARE-LCA210L Datasheet
230Kb / 6P
   Dual Pole OptoMOS Relays
LCA712 CLARE-LCA712 Datasheet
277Kb / 6P
   Single Pole OptoMOS Relays
PAA193 CLARE-PAA193 Datasheet
1Mb / 5P
   Dual Pole OptoMOS Relays
PAA110 CLARE-PAA110 Datasheet
148Kb / 7P
   Single Pole OptoMOS Relays
PAA140 CLARE-PAA140 Datasheet
150Kb / 7P
   Single Pole OptoMOS Relays
PLA110 CLARE-PLA110 Datasheet
482Kb / 6P
   Single Pole OptoMOS Relays
PLA132 CLARE-PLA132 Datasheet
75Kb / 4P
   SINGLE POLE OptoMOS Relays
logo
IXYS Corporation
PLA191 IXYS-PLA191 Datasheet
122Kb / 7P
   Single Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com