Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCB120 Datasheet(PDF) 3 Page - Clare, Inc.

Part # LCB120
Description  Single Pole OptoMOS Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCB120 Datasheet(HTML) 3 Page - Clare, Inc.

  LCB120 Datasheet HTML 1Page - Clare, Inc. LCB120 Datasheet HTML 2Page - Clare, Inc. LCB120 Datasheet HTML 3Page - Clare, Inc. LCB120 Datasheet HTML 4Page - Clare, Inc. LCB120 Datasheet HTML 5Page - Clare, Inc. LCB120 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LCB120
www.clare.com
Rev. 6
3
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
LCB120
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
IF = 5mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
LCB120
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC)
35
30
25
20
15
10
5
0
10.4
10.8
11.2
12.0
11.6
12.4
On-Resistance (
Ω)
LCB120
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
291.25 293.75 296.25 298.75 301.25 303.75
Blocking Voltage (V)
LCB120
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC)
0.63
0.81
1.17
1.53
0.99
1.35
LED Current (mA)
30
25
20
15
10
5
0
LCB120
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC)
35
25
20
15
10
5
0
0.63
0.99
1.35
0.45
0.81
1.17
LED Current (mA)
LCB120
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
0.42
0.66
0.90
0.54
0.78
Turn-On (ms)
35
30
25
20
15
10
5
0
0.30
LCB120
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
0.875
1.375
1.875
0.625
1.125
1.625
Turn-Off (ms)
35
30
25
20
15
10
5
0
LCB120
Typical Load Current vs. Temperature
Temperature (
°C)
250
200
150
100
50
0
-40
-20
0
20
40
60
80
120
100
5mA
LCB120
Typical Leakage vs. Temperature
(Measured across Pins 4 & 6)
Temperature (
°C)
-40
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
LCB120
Typical Turn-On vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
0.12
0.10
0.08
0.06
0.04
0.02
0
-20
0
20
40
60
80
100
5mA
LCB120
Typical Turn-Off vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
5mA
10mA
20mA
LCB120
Typical Blocking Voltage
vs. Temperature
Temperature (
°C)
-40
310
305
300
295
290
285
-20
0
20
40
60
80
100


Similar Part No. - LCB120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCB120 IXYS-LCB120 Datasheet
123Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
LCB120S IXYS-LCB120S Datasheet
123Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
LCB120STR IXYS-LCB120STR Datasheet
123Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
More results

Similar Description - LCB120

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
   Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
   Single Pole OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
   Single Pole OptoMOS Relay
PLA193 CLARE-PLA193 Datasheet
392Kb / 4P
   Single Pole OptoMOS Relay
TS122 CLARE-TS122 Datasheet
120Kb / 8P
   Single Pole OptoMOS Relay
XCA170 CLARE-XCA170 Datasheet
99Kb / 7P
   SINGLE POLE OptoMOS Relay
PLB150 CLARE-PLB150 Datasheet
71Kb / 4P
   SINGLE POLE OptoMOS Relay
LCA715 CLARE-LCA715 Datasheet
899Kb / 5P
   Single Pole OptoMOS Relay
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
   Single-Pole OptoMOS Relay
logo
Clare, Inc.
LCA182 CLARE-LCA182 Datasheet
1Mb / 5P
   Single Pole OptoMOS Relay
LCA100 CLARE-LCA100 Datasheet
102Kb / 6P
   Single Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com