Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTB06AL-6-BW-TA3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BTB06AL-6-BW-TA3-T
Description  6A TRIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTB06AL-6-BW-TA3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  BTB06AL-6-BW-TA3-T Datasheet HTML 1Page - Unisonic Technologies BTB06AL-6-BW-TA3-T Datasheet HTML 2Page - Unisonic Technologies BTB06AL-6-BW-TA3-T Datasheet HTML 3Page - Unisonic Technologies BTB06AL-6-BW-TA3-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BTB06A
Preliminary
TRIACS
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R401-057.a
STATIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Peak On-State Voltage (Note 2)
VTM
ITM=8.5A, tP=380μs
TJ=25°C
1.55
V
Threshold Voltage (Note 2)
VTO
TJ=125°C
0.85
V
Dynamic Resistance (Note 2)
RD
TJ=125°C
60
mΩ
Repetitive Peak Off-State Current
IDRM
VDRM=VRRM
TJ=25°C
5
μA
IRRM
TJ=125°C
1
mA
Note: 1. Minimum IGT is guaranteed at 5% of IGT max.
2. For both polarities of MT2 referenced to MT1.


Similar Part No. - BTB06AL-6-BW-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTB06ALG-6-BW-TA3-T UTC-BTB06ALG-6-BW-TA3-T Datasheet
170Kb / 4P
   6A TRIACS
BTB06ALG-6-CW-TA3-T UTC-BTB06ALG-6-CW-TA3-T Datasheet
170Kb / 4P
   6A TRIACS
BTB06ALG-6-SW-TA3-T UTC-BTB06ALG-6-SW-TA3-T Datasheet
170Kb / 4P
   6A TRIACS
BTB06ALG-6-TW-TA3-T UTC-BTB06ALG-6-TW-TA3-T Datasheet
170Kb / 4P
   6A TRIACS
BTB06ALG-8-BW-TA3-T UTC-BTB06ALG-8-BW-TA3-T Datasheet
170Kb / 4P
   6A TRIACS
More results

Similar Description - BTB06AL-6-BW-TA3-T

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTB06-700B KERSEMI-BTB06-700B Datasheet
1Mb / 5P
   6A TRIACS
BTB06-600SW KERSEMI-BTB06-600SW Datasheet
1Mb / 5P
   6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06_15 Datasheet
164Kb / 3P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
T610-600B-TR TGS-T610-600B-TR Datasheet
138Kb / 1P
   6A TRIACS
BTA06-800C TGS-BTA06-800C Datasheet
66Kb / 1P
   6A TRIACS
BTA06-600BF TGS-BTA06-600BF Datasheet
62Kb / 1P
   6A TRIACS
T610-600G-TR TGS-T610-600G-TR Datasheet
169Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTA06 UTC-BTA06 Datasheet
164Kb / 3P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA06-800B TGS-BTA06-800B Datasheet
217Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06 Datasheet
164Kb / 3P
   6A TRIACS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com