Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD1N80 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FQD1N80
Description  N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD1N80 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FQD1N80 Datasheet HTML 1Page - Fairchild Semiconductor FQD1N80 Datasheet HTML 2Page - Fairchild Semiconductor FQD1N80 Datasheet HTML 3Page - Fairchild Semiconductor FQD1N80 Datasheet HTML 4Page - Fairchild Semiconductor FQD1N80 Datasheet HTML 5Page - Fairchild Semiconductor FQD1N80 Datasheet HTML 6Page - Fairchild Semiconductor FQD1N80 Datasheet HTML 7Page - Fairchild Semiconductor FQD1N80 Datasheet HTML 8Page - Fairchild Semiconductor FQD1N80 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©2009 Fairchild Semiconductor Corporation
FQD1N80 / FQU1N80 Rev. C2
www.fairchildsemi.com
3
2
46
10
10
-1
10
0
150
oC
25
oC
-55
oC
Notes :
1. V
DS = 50V
2. 250μ s Pulse Test
4
V
GS, Gate-Source Voltage [V]
1
00
34
56
0
2
4
6
8
10
12
V
DS = 400V
V
DS = 160V
V
DS = 640V
Note : I
D = 1.0 A
Q
G, Total Gate Charge [nC]
10
-1
0
10
1
0
50
100
150
200
250
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
10
V
DS, Drain-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
10
-1
10
0
150℃
Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10
20
30
40
50
V
GS = 20V
V
GS = 10V
Note : T
J = 25
I
D, Drain Current [A]
10
-1
0
10
1
10
-2
10
-1
10
0
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom : 5.5 V
Notes :
1. 250μ s Pulse Test
2. T
C = 25
10
V
DS, Drain-Source Voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics
8
2


Similar Part No. - FQD1N80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD1N80 FAIRCHILD-FQD1N80 Datasheet
635Kb / 9P
   800V N-Channel MOSFET
FQD1N80 FAIRCHILD-FQD1N80 Datasheet
760Kb / 9P
   N-Channel QFET MOSFET 800 V, 1.0 A, 20
logo
Inchange Semiconductor ...
FQD1N80 ISC-FQD1N80 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-07
logo
Fairchild Semiconductor
FQD1N80TF FAIRCHILD-FQD1N80TF Datasheet
760Kb / 9P
   N-Channel QFET MOSFET 800 V, 1.0 A, 20
FQD1N80 FAIRCHILD-FQD1N80_09 Datasheet
737Kb / 9P
   800V N-Channel MOSFET
More results

Similar Description - FQD1N80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQPF6N80CT FAIRCHILD-FQPF6N80CT Datasheet
1,018Kb / 10P
   N-Channel QFET짰 MOSFET 800 V, 5.5 A, 2.5 廓
FQB9N50CTM FAIRCHILD-FQB9N50CTM Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
FQD1N60CTM FAIRCHILD-FQD1N60CTM Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
FQU1N60CTU FAIRCHILD-FQU1N60CTU Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
FQD5N15TM FAIRCHILD-FQD5N15TM Datasheet
846Kb / 8P
   N-Channel QFET짰 MOSFET 150 V, 4.3 A, 800 m廓
FQA10N80C-F109 FAIRCHILD-FQA10N80C-F109 Datasheet
435Kb / 8P
   FQA10N80C_F109 N-Channel QFET짰 MOSFET 800 V, 10 A, 1.1 廓
FQT5P10TF FAIRCHILD-FQT5P10TF Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -100 V, -1.0 A, 1.05 廓
FQD1N80TF FAIRCHILD-FQD1N80TF Datasheet
760Kb / 9P
   N-Channel QFET MOSFET 800 V, 1.0 A, 20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com