Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M-8880 Datasheet(PDF) 4 Page - Clare, Inc.

Part # M-8880
Description  M-8880 DTMF Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

M-8880 Datasheet(HTML) 4 Page - Clare, Inc.

  M-8880 Datasheet HTML 1Page - Clare, Inc. M-8880 Datasheet HTML 2Page - Clare, Inc. M-8880 Datasheet HTML 3Page - Clare, Inc. M-8880 Datasheet HTML 4Page - Clare, Inc. M-8880 Datasheet HTML 5Page - Clare, Inc. M-8880 Datasheet HTML 6Page - Clare, Inc. M-8880 Datasheet HTML 7Page - Clare, Inc. M-8880 Datasheet HTML 8Page - Clare, Inc. M-8880 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
detected if the CP mode has been selected (see Table 3). Fig-
ure 7 indicates the useful detect bandwidth of the call progress
filter. Frequencies presented to the input (IN+ and IN-) that are
within the “accept” bandwidth limits of the filter are hard-limited
by a high-gain comparator with the IRQ /CP pin serving as the
output. The square wave output obtained from the schmitt trig-
ger can be analyzed by a microprocessor or counter arrange-
ment to determine the nature of the call progress tone being
detected. Frequencies in the “reject” area will not be detected,
and consequently there will be no activity on IRQ /CP as a result
of these frequencies.
DTMF Generator
The DTMF transmitter used in the M-8880 is capable of generat-
ing all 16 standard DTMF tone pairs with low distortion and high
accuracy. All frequencies are derived from an external 3.58
MHz crystal. The sinusoidal waveforms for the individual tones
are digitally synthesized using row and column programmable
dividers and switched capacitor digital-to-analog converters.
The row and column tones are mixed and filtered, providing a
DTMF signal with low total harmonic distortion and high accu-
racy. To specify a DTMF signal, data conforming to the encod-
ing format shown in Table 2 must be written to the transmit data
register. Note that this is the same as the receiver output code.
The individual tones that are generated (fLOW and fHIGH) are re-
ferred to as low-group and high-group tones. Typically, the
high-group to low-group amplitude ratio (twist) is 2 dB to com-
pensate for high-group attenuation on long loops.
Operation: During write operations to the transmit data register,
4-bit data on the bus is latched and converted toa2 of8 code for
use by the programmable divider circuitry to specify a time seg-
ment length that will ultimately determine the tone frequency.
The number of time segments is fixed at 32, but the frequency is
varied by varying the segment length. When the divider reaches
the appropriate count as determined by the input code, a reset
pulse is issued and the counter starts again. The divider output
clocks another counter that addresses the sinewave lookup
ROM. The lookup table contains codes used by the switched
capacitor D/A converter to obtain discrete and highly accurate
DC voltage levels. Two identical circuits are used to produce
row and column tones, which are then mixed using a low-noise
summing amplifier. The oscillator described needs no “startup”
time as in other DTMF generators, since the crystal oscillator is
running continuously, thus providing a high degree of tone burst
accuracy. When there is no tone output signal, the TONE pin
assumes a DC level of 2.5 volts (typically). A bandwidth limiting
filter is incorporated to attenuate distortion products above 4
KHz.
Burst Mode: Certain telephony applications require that gener-
ated DTMF signals be of a specific duration, determined either
by the application or by any of the existing exchange transmitter
specifications. Standard DTMF signal timing can be accom-
plished by making use of the burst mode. The transmitter is ca-
pable of issuing symmetric bursts/pauses of predetermined
duration. This burst/pause duration is 51 ms
± 1 ms, a standard
interval for autodialer and central office applications. After the
burst/pause has been issued, the appropriate bit is set in the sta-
tus register, indicating that the transmitter is ready for more data.
The timing described is available when the DTMF mode has
been selected. However, when call progress (CP) mode is se-
lected, a secondary burst/pause time is available that extends
this interval to 102 ms
± 2 ms. The extended interval is useful
when precise tone bursts of longer than 51 ms duration and 51
ms pause are desired. Note that when CP mode and burst mode
have been selected, DTMF tones may be transmitted only and
not
received. In applications requiring a nonstandard
burst/pause time, use a software timing loop or external timer.
This provides the timing pulses when the burst mode is disabled
by enabling and disabling the transmitter.
The M-8880 is initialized on powerup sequence with DTMF
mode and burst mode selected.
Single-Tone Generation: A single-tone mode is available
whereby individual tones from the low group or high group can
be generated. This mode can be used for DTMF test equipment
applications, acknowledgment tone generation, and distortion
measurements. Refer to Table 4 for details.
Distortion Calculations: The M-8880 is capable of producing
precise tone bursts with minimal error in frequency (see Table
3). The internal summing amplifier is followed by a first-order
low-pass switched capacitor filter to minimize harmonic compo-
nents and intermodulation products. The total harmonic distor-
tion for a
single tone can be calculated using Equation 1, (see
Figure 9) which is the ratio of the total power of all the extrane-
ous frequencies to the power of the fundamental frequency ex-
pressed as a percentage. The Fourier components of the tone
output correspond to V2f... Vnf as measured on the output
waveform. The total harmonic distortion for a
dual tone can be
calculated using Equation 2 (see Figure 9).
Page 4
M-8880
40-406-00012, Rev. G
www.clare.com
Figure 7 Call Progress Response
Active
Cell
Output Frequency (Hz)
Specified
Actual
% Error
L1
697
699.1
+ 0.30
L2
770
766.2
- 0.49
L3
852
847.4
- 0.54
L4
941
948.0
+ 0.74
H1
1209
1215.9
+ 0.57
H2
1336
1331.7
- 0.32
H3
1447
1471.9
- 0.35
H4
1633
1645.0
+ 0.73
Table 3 Actual Frequencies vs. Standard
Requirements


Similar Part No. - M-8880

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-8888 CLARE-M-8888 Datasheet
451Kb / 14P
   DTMF Transceiver
M-8888 CLARE-M-8888 Datasheet
457Kb / 14P
   DTMF Transceiver
M-8888-01 CLARE-M-8888-01 Datasheet
451Kb / 14P
   DTMF Transceiver
M-8888-01P CLARE-M-8888-01P Datasheet
451Kb / 14P
   DTMF Transceiver
M-8888-01P CLARE-M-8888-01P Datasheet
457Kb / 14P
   DTMF Transceiver
More results

Similar Description - M-8880

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7524 OKI-MSM7524 Datasheet
128Kb / 21P
   DTMF Transceiver
ML7005 OKI-ML7005 Datasheet
202Kb / 25P
   DTMF Transceiver
logo
Clare, Inc.
M8880 CLARE-M8880 Datasheet
562Kb / 13P
   DTMF Transceiver
logo
LAPIS Semiconductor Co....
ML7005 LAPIS-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
logo
Clare, Inc.
M8888-R1 CLARE-M8888-R1 Datasheet
457Kb / 14P
   DTMF Transceiver
M-8888 CLARE-M-8888 Datasheet
451Kb / 14P
   DTMF Transceiver
logo
List of Unclassifed Man...
ML7005 ETC2-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
   CMOS Integrated DTMF Transceiver
logo
Zarlink Semiconductor I...
MT8889C ZARLINK-MT8889C Datasheet
494Kb / 31P
   Integrated DTMF Transceiver with Adaptive Micro Interface
MT8888C ZARLINK-MT8888C Datasheet
684Kb / 25P
   Integrated DTMF Transceiver with Intel Micro Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com