Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-7800A-500E Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7800A-500E
Description  15 kV/關s Common-Mode Rejection at VCM = 1000 V
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7800A-500E Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7800A-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-500E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-500E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
0
Figure 3. Input Offset vs. Supply.
Figure 4. Gain vs. Temperature.
Figure 1. Input Offset Voltage Test Circuit.
Figure 2. Input Offset Voltage vs. Temperature.
Figure 5. Gain and Nonlinearity Test Circuit.
0.1 µF
VDD2
VOUT
8
7
6
1
3
HCPL-7800
5
2
4
0.1 µF
10 K
10 K
VDD1
+15 V
0.1 µF
0.1 µF
-15 V
+
-
AD624CD
GAIN = 100
0.47
µF
0.47
µF
0.1 µF
VDD2
8
7
6
1
3
HCPL-7800
5
2
4
0.01 µF
10 K
10 K
+15 V
0.1 µF
0.1 µF
-15 V
+
-
AD624CD
GAIN = 4
0.47
µF
0.47
µF
VDD1
13.2
404
VIN
VOUT
+15 V
0.1 µF
0.1 µF
-15 V
+
-
AD624CD
GAIN = 10
10 K
0.47
µF
0.1 µF
TA - TEMPERATURE - ˚C
0.6
0.5
0.3
-25
0.8
35
95
0.2
0.7
-55
125
0.4
5
65
VDD - SUPPLY VOLTAGE - V
0.37
0.36
0.39
4.75
5.0
0.33
vs. VDD1
4.5
5.5
5.25
vs. VDD2
0.34
0.38
0.35
TA - TEMPERATURE - ¡C
8.025
8.02
8.015
-35
8.035
25
85
8.01
8.03
-55
125
5
45
105
-15
65


Similar Part No. - HCPL-7800A-500E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7800A-500 HP-HCPL-7800A-500 Datasheet
375Kb / 17P
   High CMR Isolation Amplifiers
More results

Similar Description - HCPL-7800A-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800A-000E AVAGO-HCPL-7800A-000E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800-500E AVAGO-HCPL-7800-500E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A-300E AVAGO-HCPL-7800A-300E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
logo
Analog Devices
ADUM260N AD-ADUM260N Datasheet
364Kb / 23P
   High common-mode transient immunity: 100 kV/關s
ADUM250N AD-ADUM250N Datasheet
554Kb / 22P
   High common-mode transient immunity: 100 kV/關s
logo
IXYS Corporation
CPC5710N IXYS-CPC5710N Datasheet
236Kb / 10P
   Excellent common-mode rejection ratio (CMRR)
logo
NXP Semiconductors
TDA8579T PHILIPS-TDA8579T_15 Datasheet
531Kb / 16P
   Dual common-mode rejection differential line receiver
Rev. 4-23 September 2013
logo
Texas Instruments
INA1650 TI1-INA1650 Datasheet
1Mb / 39P
[Old version datasheet]   SoundPlus High Common-Mode Rejection Line Receiver
logo
NXP Semiconductors
TDA8578 PHILIPS-TDA8578 Datasheet
55Kb / 13P
   Dual common-mode rejection differential line receiver
1995 Dec 15
logo
Analog Devices
SSM2141 AD-SSM2141_15 Datasheet
208Kb / 8P
   High Common-Mode Rejection Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com