Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCGB1005W102EPFB Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # SCGB1005W102EPFB
Description  Chip Ferrite Bead for Automotive Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCGB1005W102EPFB Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  SCGB1005W102EPFB Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCGB1005W102EPFB Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCGB1005W102EPFB Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCGB1005W102EPFB Datasheet HTML 4Page - Socay Electornics Co., Ltd. SCGB1005W102EPFB Datasheet HTML 5Page - Socay Electornics Co., Ltd. SCGB1005W102EPFB Datasheet HTML 6Page - Socay Electornics Co., Ltd. SCGB1005W102EPFB Datasheet HTML 7Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Chip Ferrite Bead for Automotive Applications
Qualified based on AEC-Q200
Revision February 13, 2014
1 / 7
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCGB-W SCHB-W & SCPB-W Series
SOCAY Electronics Co., Ltd.
www.socay.com
u
Monolithic inorganic material construction
u
Closed magnetic circuit avoids crosstalk
u
SMD Type & suitable for reflow and wave soldering
u
Available in various sizes
u
Excellent solderability and heat resistance
u
High reliability
u
Effectively filtering capability over a wide range of
frequency
u
Automotive etc.
Operating temperature range
-40 ~ +125
ºC
Storage Condition
Less than 40
℃ and 70% RH
Storage Time
6 months(Size:1005), 12 months(Size:1608 above)
Soldering method
Reflow or Wave Soldering
1
Series Name
2
Size Code: the first two digitals : length(mm), the last two digitals : width(mm)
3
W: for Automotive
4
Impedance(
Ω), ±25%
5
Fixed Decimal Point
6
Rated Current Cod
A=50mA
B=80mA
C=100mA
D=150mA
E=200mA
F=300mA
G=400mA
H=500mA
I=600mA
J=700mA
K=800mA
L=1000mA
M=1500mA
N=2000mA
P=2500mA
Q=3000mA
R=4000mA
U=5000mA
W=6000mA
7
Packaging:
P - Embossed paper tape, 7" reel
T - Embossed plastic tape, 7" reel
8
Soldering : Green Parts:
S- Soldering Lead-Free
F-Lead-Free for whole chip
9
Material Code
General Technical Data
Part Numbering
Features
Applications
SCGB
1608
W
12
1
H
P
F
-
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
e.g.: 600=60
Ω, 121=120Ω


Similar Part No. - SCGB1005W102EPFB

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCGB1005B102EPF SOCAY-SCGB1005B102EPF Datasheet
224Kb / 4P
   Chip Ferrite Bead
SCGB1005B152DPF SOCAY-SCGB1005B152DPF Datasheet
224Kb / 4P
   Chip Ferrite Bead
SCGB1005B601FPF SOCAY-SCGB1005B601FPF Datasheet
224Kb / 4P
   Chip Ferrite Bead
SCGB1005H750FPF SOCAY-SCGB1005H750FPF Datasheet
203Kb / 5P
   Chip Ferrite Bead
SCGB1005S100FPF SOCAY-SCGB1005S100FPF Datasheet
241Kb / 7P
   Chip Ferrite Bead
More results

Similar Description - SCGB1005W102EPFB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21BD222SN1L MURATA-BLM21BD222SN1L Datasheet
302Kb / 6P
   For Automotive Chip Ferrite Bead for Automotive
BLM31PG391SN1L MURATA-BLM31PG391SN1L Datasheet
115Kb / 3P
   For Automotive Chip Ferrite Bead for Automotive
BLM18PG300SH1D MURATA-BLM18PG300SH1D Datasheet
121Kb / 4P
   For Automotive Chip Ferrite Bead for Automotive
logo
Eaton All Rights Reserv...
MFBA2V1005 EATON-MFBA2V1005 Datasheet
635Kb / 5P
   Automotive multilayer chip ferrite bead
December 2021
MFBA2V1608 EATON-MFBA2V1608 Datasheet
999Kb / 5P
   Automotive multilayer chip ferrite bead
December 2021
MFBA2V2012 EATON-MFBA2V2012 Datasheet
914Kb / 5P
   Automotive multilayer chip ferrite bead
December 2021
logo
Murata Manufacturing Co...
BLM31PG121SN1L MURATA-BLM31PG121SN1L Datasheet
115Kb / 3P
   For Automotive Chip Ferrite Bead for Automotive BLM31P Series (1206 Size)
logo
Taiyo Yuden (U.S.A.), I...
FBMH2012HM221-TV TAIYO-YUDEN-FBMH2012HM221-TV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive / Industrial Applications
FBMH1608HM151-TV TAIYO-YUDEN-FBMH1608HM151-TV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive / Industrial Applications
logo
Socay Electornics Co., ...
SCGB1005S100FPF SOCAY-SCGB1005S100FPF Datasheet
241Kb / 7P
   Chip Ferrite Bead
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com