Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCGB2012W221EPF Datasheet(PDF) 7 Page - Socay Electornics Co., Ltd.

Part # SCGB2012W221EPF
Description  Chip Ferrite Bead for Automotive Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCGB2012W221EPF Datasheet(HTML) 7 Page - Socay Electornics Co., Ltd.

  SCGB2012W221EPF Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCGB2012W221EPF Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCGB2012W221EPF Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCGB2012W221EPF Datasheet HTML 4Page - Socay Electornics Co., Ltd. SCGB2012W221EPF Datasheet HTML 5Page - Socay Electornics Co., Ltd. SCGB2012W221EPF Datasheet HTML 6Page - Socay Electornics Co., Ltd. SCGB2012W221EPF Datasheet HTML 7Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Chip Ferrite Bead for Automotive Applications
Qualified based on AEC-Q200
Revision February 13, 2014
7 / 7
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCGB-W SCHB-W & SCPB-W Series
SOCAY Electronics Co., Ltd.
www.socay.com
Unit: mm
Part Size(EIA Size)
Packaging Option
Quantity
1005 (0402)
7
″Reel
10,000
1608 (0603)
7
″Reel
4,000
2012 (0805)
7
″Reel
4,000
3216 (1206)
7
″Reel
3,000
3225 (1210)
7
″Reel
2,000
4516 (1806)
7
″Reel
2,000
4532 (1812)
7
″Reel
1,000
The Contents of a box:
1005 (0402): 6 reels / inner box
1608 (0603): 6 reels / inner box
2012 (0805): 6 reels / inner box
3216 (1206): 6 reels / inner box
3225 (1210): 6 reels / inner box
4516 (1806): 4 reels / inner box
4532 (1812): 4 reels / inner box
Test item
Test condition
Criteria
Temperature Cycle
a. Temperature : -40 ~ +85℃
b. Cycle : 100 cycles
c. Dwell time : 30minutes
Measurement : at ambient temperature 24 hrs after
test completion
a. No mechanical damage
b. Induction value should be within
±20 % of the initial value
Operational Life
a. Temperature : 125
±5
℃℃
b. Test time : 1000 hrs
c. Apply current : full rated current
Measurement : at ambient temperature 24 hrs after
test completion
a. No mechanical damage
b. Induction value should be within
±20 % of the initial value
Biased Humidity
a. Temperature : 40
±2
℃℃
b. Humidity : 90 ~ 95 % RH
c. Test time : 1000 hrs
d. Apply current : full rated current
Measurement : at ambient temperature 24 hrs after
test completion
a. No mechanical damage
b. Induction value should be within
±20 % of the initial value
Resistance to Solder Heat
a. Solder temperature : 260
±5℃
b. Flux : Rosin
c. DIP time : 10
±1 sec
a. More than 95 % of terminal
electrode should be covered with
new solder
b. No mechanical damage
c. Induction value should be within
±20 % of the initial value
Adhesive Test
a. Reflow temperature : 245
It shall be Soldered on
the substrate applying direction parallel to the
substrate
b. Apply force(F) : 5 N Test time : 10 sec
a. No mechanical damage
b. Soldering the products on PCB after
the pulling test force > 5 N
Rated Current Test
a.
Apply current : full rated current / 5min
Temperature rise should be less than
25℃
Steam Aging Test
a. Temperature : 93℃
b. Test time : 4hrs
Others: 8hrs
c. Solder temperature : 235
±5℃
d. Flux : Rosin
e. DIP time : 5
±1 sec
More than 95 % of terminal electrode
should be covered with new solder
Reel Specifications & Packaging
Reliability and Test Condition


Similar Part No. - SCGB2012W221EPF

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCGB2012H121EPF SOCAY-SCGB2012H121EPF Datasheet
203Kb / 5P
   Chip Ferrite Bead
SCGB2012H221EPF SOCAY-SCGB2012H221EPF Datasheet
203Kb / 5P
   Chip Ferrite Bead
SCGB2012H301EPF SOCAY-SCGB2012H301EPF Datasheet
203Kb / 5P
   Chip Ferrite Bead
SCGB2012H601EPF SOCAY-SCGB2012H601EPF Datasheet
203Kb / 5P
   Chip Ferrite Bead
SCGB2012S102FPF SOCAY-SCGB2012S102FPF Datasheet
241Kb / 7P
   Chip Ferrite Bead
More results

Similar Description - SCGB2012W221EPF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21BD222SN1L MURATA-BLM21BD222SN1L Datasheet
302Kb / 6P
   For Automotive Chip Ferrite Bead for Automotive
BLM31PG391SN1L MURATA-BLM31PG391SN1L Datasheet
115Kb / 3P
   For Automotive Chip Ferrite Bead for Automotive
BLM18PG300SH1D MURATA-BLM18PG300SH1D Datasheet
121Kb / 4P
   For Automotive Chip Ferrite Bead for Automotive
logo
Eaton All Rights Reserv...
MFBA2V1005 EATON-MFBA2V1005 Datasheet
635Kb / 5P
   Automotive multilayer chip ferrite bead
December 2021
MFBA2V1608 EATON-MFBA2V1608 Datasheet
999Kb / 5P
   Automotive multilayer chip ferrite bead
December 2021
MFBA2V2012 EATON-MFBA2V2012 Datasheet
914Kb / 5P
   Automotive multilayer chip ferrite bead
December 2021
logo
Murata Manufacturing Co...
BLM31PG121SN1L MURATA-BLM31PG121SN1L Datasheet
115Kb / 3P
   For Automotive Chip Ferrite Bead for Automotive BLM31P Series (1206 Size)
logo
Taiyo Yuden (U.S.A.), I...
FBMH2012HM221-TV TAIYO-YUDEN-FBMH2012HM221-TV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive / Industrial Applications
FBMH1608HM151-TV TAIYO-YUDEN-FBMH1608HM151-TV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive / Industrial Applications
logo
Socay Electornics Co., ...
SCGB1005S100FPF SOCAY-SCGB1005S100FPF Datasheet
241Kb / 7P
   Chip Ferrite Bead
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com