Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCGB2012S300KPF Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # SCGB2012S300KPF
Description  Chip Ferrite Bead
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCGB2012S300KPF Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  SCGB2012S300KPF Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCGB2012S300KPF Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCGB2012S300KPF Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCGB2012S300KPF Datasheet HTML 4Page - Socay Electornics Co., Ltd. SCGB2012S300KPF Datasheet HTML 5Page - Socay Electornics Co., Ltd. SCGB2012S300KPF Datasheet HTML 6Page - Socay Electornics Co., Ltd. SCGB2012S300KPF Datasheet HTML 7Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Chip Ferrite Bead
Revision February 13, 2014
4 / 7
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCGB-S Series
SOCAY Electronics Co., Ltd.
www.socay.com
SCGB4516-S Series
Part Number
Impedance (
Ω)
±25%
Test Freq.
(MHz)
DCR (
Ω)
(Max.)
Rated Current
(mA)
SCGB4516S800KTF
80
100
0.10
800
SCGB4516S151KTF
150
100
0.30
800
SCGB4532-S Series
Part Number
Impedance (
Ω)
±25%
Test Freq.
(MHz)
DCR (
Ω)
(Max.)
Rated Current
(mA)
SCGB4532S700KTF
70
100
0.40
800
SCGB4532S800KTF
80
100
0.40
800
SCGB4532S121KTF
120
100
0.40
800
Test Level:250 mV
Test Instruments:
l
HP4291B
RF IMPEDANCE / MATERIAL ANALYZER
l
HP4338A/B MILLIOHM METER
l
Agilent 8720ES S-PARAMETER NETWORK ANALYZER
l
HP6632B SYSTEM DC POWER SUPPLY
** For special part number which is not shown in the above table, please refer to appendix.
Electrical Characteristics (Continue)


Similar Part No. - SCGB2012S300KPF

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCGB2012H121EPF SOCAY-SCGB2012H121EPF Datasheet
203Kb / 5P
   Chip Ferrite Bead
SCGB2012H221EPF SOCAY-SCGB2012H221EPF Datasheet
203Kb / 5P
   Chip Ferrite Bead
SCGB2012H301EPF SOCAY-SCGB2012H301EPF Datasheet
203Kb / 5P
   Chip Ferrite Bead
SCGB2012H601EPF SOCAY-SCGB2012H601EPF Datasheet
203Kb / 5P
   Chip Ferrite Bead
SCGB2012W102EPF SOCAY-SCGB2012W102EPF Datasheet
248Kb / 7P
   Chip Ferrite Bead for Automotive Applications
More results

Similar Description - SCGB2012S300KPF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21PG221SN1D MURATA-BLM21PG221SN1D Datasheet
123Kb / 4P
   Chip Ferrite Bead
BLM31PG330SN1L MURATA-BLM31PG330SN1L Datasheet
43Kb / 1P
   Chip Ferrite Bead
BLM15AG100SH1D MURATA-BLM15AG100SH1D Datasheet
132Kb / 8P
   Chip Ferrite Bead
logo
Superworld Electronics
Z2K300-RG-10 SUPERWORLD-Z2K300-RG-10_17 Datasheet
336Kb / 8P
   Ferrite Chip Bead
logo
Murata Manufacturing Co...
BLM15PD121SN1D MURATA-BLM15PD121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Bead
BLM21A MURATA-BLM21A Datasheet
112Kb / 3P
   Chip Ferrite Bead
logo
Socay Electornics Co., ...
SCGB1005B102EPF SOCAY-SCGB1005B102EPF Datasheet
224Kb / 4P
   Chip Ferrite Bead
logo
Murata Manufacturing Co...
BLM21AG601SN1B MURATA1-BLM21AG601SN1B Datasheet
330Kb / 10P
   Chip Ferrite Bead
logo
Superworld Electronics
Z1G_SERIES SUPERWORLD-Z1G_SERIES Datasheet
221Kb / 7P
   Ferrite Chip Bead
logo
Socay Electornics Co., ...
SCGB1005H750FPF SOCAY-SCGB1005H750FPF Datasheet
203Kb / 5P
   Chip Ferrite Bead
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com