Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M-986-2A1PL Datasheet(PDF) 7 Page - Clare, Inc.

Part # M-986-2A1PL
Description  MF Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

M-986-2A1PL Datasheet(HTML) 7 Page - Clare, Inc.

Back Button M-986-2A1PL Datasheet HTML 3Page - Clare, Inc. M-986-2A1PL Datasheet HTML 4Page - Clare, Inc. M-986-2A1PL Datasheet HTML 5Page - Clare, Inc. M-986-2A1PL Datasheet HTML 6Page - Clare, Inc. M-986-2A1PL Datasheet HTML 7Page - Clare, Inc. M-986-2A1PL Datasheet HTML 8Page - Clare, Inc. M-986-2A1PL Datasheet HTML 9Page - Clare, Inc. M-986-2A1PL Datasheet HTML 10Page - Clare, Inc. M-986-2A1PL Datasheet HTML 11Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Reset (RS) Timing
Parameter
Test Conditions
Min
Max
Unit
t
dis(R)
Data bus disable time after RS
R
L = 825 Ω
-75
ns
t
d12
Delay time from RS
↓ to high-impedance SCLK
C
L = 100 pF
-
200
ns
t
d13
Delay time from RS
↓ to high-impedance DX1, DX0
-
200
ns
t
su(R)
Reset (RS) setup time prior to CLKOUT
50
-
ns
tw(R)
RS pulse duration
245
-
ns
Coprocessor Interface Timing
Parameter
Min
Nom
Max
Unit
t
d(R-A)
RD low to TBLF high
-
-
75
ns
t
d(W-A)
WR low to RBLE high
-
-
75
ns
t
a(RD)
RD low to data valid
-
-
80
ns
t
h(RD)
Data hold time after RD high
25
-
-
ns
t
su(WR)
Data setup time prior to WR high
30
-
-
ns
t
h(WR)
Data hold time after WR high
25
-
-
ns
t
w(RDL)
RD low-pulse duration
80
-
-
ns
t
w(WRL)
WR low-pulse duration
60
-
-
ns
t
wr(RBLE)
RBLE
↑ to RBLE↓
--
1
ms
M-986-2A1
www.clare.com
7
Rev. 3
CLKOUT Timing Parameters
Parameter
Test Conditions
Min
Nom
Max
Unit
t
c(C)
CLKOUT cycle time
195.27
195.31
195.35
ns
t
r(C)
CLKOUT rise time
R
L = 825 Ω
-10
-
ns
t
f(C)
CLKOUT fall time
C
L = 100 pF
-
8
-
ns
t
d(MCC)
Delay time CLKIN
↑ to CLKOUT↓
25
-
60
ns
t
d 8
Delay time CLKOUT
↓ to data bus OUT valid
-
-
1/4t
c(C)+75
ns
Transmitter Characteristics
Parameter
Test Conditions
Min
Typ
Max
Unit
F
OS
Frequency offset
From nominal
-
-
±1
Hz
TW
Twist
High/low
-
-
±0.5
dB
A
S
Signal amplitude
Per component
-7.40
-7.00
-6.60
dBm0
T
S
Time skew
Between components
-
-
0
ms
P
hi
Power due to extraneous components
-
-
-
-30
dB


Similar Part No. - M-986-2A1PL

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-986-2R2 CLARE-M-986-2R2 Datasheet
520Kb / 13P
   MFC Transceivers
M-986-2R2P CLARE-M-986-2R2P Datasheet
520Kb / 13P
   MFC Transceivers
M-986-2R2PL CLARE-M-986-2R2PL Datasheet
520Kb / 13P
   MFC Transceivers
More results

Similar Description - M-986-2A1PL

ManufacturerPart #DatasheetDescription
logo
GS Yuasa Battery Sales ...
MF038 GSYUASABATTERY-MF038 Datasheet
289Kb / 1P
   GS MF Battery
MF049 GSYUASABATTERY-MF049 Datasheet
260Kb / 1P
   GS MF Battery
logo
Rosenberger Hochfrequen...
L99-838-500 ROSENBERGER-L99-838-500 Datasheet
772Kb / 2P
   MF CABLE ASSEMBLY
L99-838-1500 ROSENBERGER-L99-838-1500 Datasheet
772Kb / 2P
   MF CABLE ASSEMBLY
L99-839-500 ROSENBERGER-L99-839-500 Datasheet
124Kb / 2P
   MF CABLE ASSEMBLY
logo
GS Yuasa Battery Sales ...
MF072 GSYUASABATTERY-MF072 Datasheet
284Kb / 1P
   GS MF Battery
logo
Sonardyne sound in dept...
7800 SONARDYNE-7800 Datasheet
86Kb / 2P
   Compatt Mk4 MF (Discontinued)
logo
List of Unclassifed Man...
A220D ETC-A220D Datasheet
112Kb / 1P
   FM-MF ZESILOVAC DEMODULATOR
logo
Clare, Inc.
M-993 CLARE-M-993 Datasheet
140Kb / 6P
   Region 1 MF Tone Generator
logo
Token Electronics Indus...
MF-2514W100RBP TOKEN-MF-2514W100RBP Datasheet
346Kb / 3P
   MF Metal Film Precision Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com