Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ22C Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMAJ22C
Description  400Watts Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMAJ22C Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMAJ22C Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ22C Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ22C Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ22C Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Uni
Bi
Min (V) Max (V) IT (mA)
SMAJ5.0
SMAJ5.0C
AD
WD
6.40
7.30
10
800
5.0
41.67
9.6
SMAJ5.0A
SMAJ5.0CA
AE
WE
6.40
7.00
10
800
5.0
43.48
9.2
SMAJ6.0
SMAJ6.0C
AF
WF
6.67
8.15
10
800
6.0
35.09
11.4
SMAJ6.0A
SMAJ6.0CA
AG
WG
6.67
7.37
10
800
6.0
38.83
10.3
SMAJ6.5
SMAJ6.5C
AH
WH
7.22
8.82
10
500
6.5
32.52
12.3
SMAJ6.5A
SMAJ6.5CA
AK
WK
7.22
7.98
10
500
6.5
35.71
11.2
SMAJ7.0
SMAJ7.0C
AL
WL
7.78
9.51
10
200
7.0
30.08
13.3
SMAJ7.0A
SMAJ7.0CA
AM WM
7.78
8.60
10
200
7.0
33.33
12.0
SMAJ7.5
SMAJ7.5C
AN
WN
8.33
10.20
1
100
7.5
27.97
14.3
SMAJ7.5A
SMAJ7.5CA
AP
WP
8.33
9.21
1
100
7.5
31.01
12.9
SMAJ8.0
SMAJ8.0C
AQ
WQ
8.89
10.90
1
50
8.0
26.67
15.0
SMAJ8.0A
SMAJ8.0CA
AR
WR
8.89
9.83
1
50
8.0
29.41
13.6
SMAJ8.5
SMAJ8.5C
AS
WS
9.44
11.50
1
10
8.5
25.16
15.9
SMAJ8.5A
SMAJ8.5CA
AT
WT
9.44
10.40
1
10
8.5
27.78
14.4
SMAJ9.0
SMAJ9.0C
AU
WU
10.00
12.20
1
5
9.0
23.67
16.9
SMAJ9.0A
SMAJ9.0CA
AV
WV
10.00
11.10
1
5
9.0
25.97
15.4
SMAJ10
SMAJ10C
AW WW
11.10
13.60
1
5
10.0
21.28
18.8
SMAJ10A
SMAJ10CA
AX
WX
11.10
12.30
1
5
10.0
23.53
17.0
SMAJ11
SMAJ11C
AY
WY
12.20
14.90
1
1
11.0
19.90
20.1
SMAJ11A
SMAJ11CA
AZ
WZ
12.20
13.50
1
1
11.0
21.98
18.2
SMAJ12
SMAJ12C
BD
XD
13.30
16.30
1
1
12.0
18.18
22.0
SMAJ12A
SMAJ12CA
BE
XE
13.30
14.70
1
1
12.0
20.10
19.9
SMAJ13
SMAJ13C
BF
XF
14.40
17.60
1
1
13.0
16.81
23.8
SMAJ13A
SMAJ13CA
BG
XG
14.40
15.90
1
1
13.0
18.60
21.5
SMAJ14
SMAJ14C
BH
XH
15.60
19.10
1
1
14.0
15.50
25.8
SMAJ14A
SMAJ14CA
BK
XK
15.60
17.20
1
1
14.0
17.24
23.2
SMAJ15
SMAJ15C
BL
XL
16 70
20 40
1
1
15 0
14 87
26 9
Maximum
Clamping
Voltage VC
@IPP
(V)
Working
Peak Reverse
Voltage
VRWM
(V)
Part Number
(Uni)
Part Number
(Bi)
Breakdown Voltage VBR @IT
Electrical Characteristics(TA=25 unless otherwise noted)
Maximum
Reverse
Surge
Current IPP
(A)
Device
Marking
Code
Maximum
Reverse
Leakage IR
@VRWM
(uA)
SMAJ15
SMAJ15C
BL
XL
16.70
20.40
1
1
15.0
14.87
26.9
SMAJ15A
SMAJ15CA
BM XM
16.70
18.50
1
1
15.0
16.39
24.4
SMAJ16
SMAJ16C
BN
XN
17.80
21.80
1
1
16.0
13.89
28.8
SMAJ16A
SMAJ16CA
BP
XP
17.80
19.70
1
1
16.0
15.38
26.0
SMAJ17
SMAJ17C
BQ
XQ
18.90
23.10
1
1
17.0
13.11
30.5
SMAJ17A
SMAJ17CA
BR
XR
18.90
20.90
1
1
17.0
14.49
27.6
SMAJ18
SMAJ18C
BS
XS
20.00
24.40
1
1
18.0
12.42
32.2
SMAJ18A
SMAJ18CA
BT
XT
20.00
22.10
1
1
18.0
13.70
29.2
SMAJ19
SMAJ19C
BA
XA
21.13
25.76
1
1
19.0
11.76
34.0
SMAJ19A
SMAJ19CA
BB
XB
21.10
23.30
1
1
19.0
13.00
30.8
SMAJ20
SMAJ20C
BU
XU
22.20
27.10
1
1
20.0
11.17
35.8
SMAJ20A
SMAJ20CA
BV
XV
22.20
24.50
1
1
20.0
12.35
32.4
SMAJ22
SMAJ22C
BW XW
24.40
29.80
1
1
22.0
10.15
39.4
SMAJ22A
SMAJ22CA
BX
XX
24.40
26.90
1
1
22.0
11.27
35.5
SMAJ24
SMAJ24C
BY
XY
26.70
32.60
1
1
24.0
9.30
43.0
SMAJ24A
SMAJ24CA
BZ
XZ
26.70
29.50
1
1
24.0
10.28
38.9
SMAJ26
SMAJ26C
CD
YD
28.90
35.30
1
1
26.0
8.58
46.6
SMAJ26A
SMAJ26CA
CE
YE
28.90
31.90
1
1
26.0
9.50
42.1
SMAJ28
SMAJ28C
CF
YF
31.10
38.00
1
1
28.0
8.00
50.0
SMAJ28A
SMAJ28CA
CG
YG
31.10
34.40
1
1
28.0
8.81
45.4
SMAJ30
SMAJ30C
CH
YH
33.30
40.70
1
1
30.0
7.48
53.5
SMAJ30A
SMAJ30CA
CK
YK
33.30
36.80
1
1
30.0
8.26
48.4
SMAJ33
SMAJ33C
CL
YL
36.70
44.90
1
1
33.0
6.78
59.0
SMAJ33A
SMAJ33CA
CM YM
36.70
40.60
1
1
33.0
7.50
53.3
SMAJ36
SMAJ36C
CN
YN
40.00
48.90
1
1
36.0
6.22
64.3
SMAJ36A
SMAJ36CA
CP
YP
40.00
44.20
1
1
36.0
6.88
58.1
SMAJ40
SMAJ40C
CQ
YQ
44.40
54.30
1
1
40.0
5.60
71.4
SMAJ40A
SMAJ40CA
CR
YR
44.40
49.10
1
1
40.0
6.20
64.5
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
SMAJ SERIES
400Watts Surface Mount Transient Voltage Suppressor
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SMAJ22C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ22C BYTES-SMAJ22C Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Yangzhou yangjie electr...
SMAJ22C YANGJIE-SMAJ22C Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
List of Unclassifed Man...
SMAJ22C ETC-SMAJ22C Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SMAJ22C LUGUANG-SMAJ22C Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
UNIOHM CORPORATION
SMAJ22C UNIOHM-SMAJ22C Datasheet
342Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMAJ22C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMAJ LUGUANG-SMAJ_13 Datasheet
226Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
SMAJ5.0 LUGUANG-SMAJ5.0 Datasheet
844Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
SMAJ5.0 LUGUANG-SMAJ5.0 Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com