Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19418-0029 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 19418-0029
Description  MX150L??16 Circuit Receptacle for 18-22 AWG Wire, with CPA
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

19418-0029 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  19418-0029 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 01/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
19418-0029
Status:
Active
Overview:
MX150L™ Industrial Sealed Connector System
Description:
MX150L™ 16 Circuit Receptacle for 18-22 AWG Wire, with CPA
Documents:
3D Model
Application Specification AS-19417-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19417-001 (PDF)
Product Literature (PDF)
Agency Certification
UL
E152602
General
Product Family
Crimp Housings
Series
19418
Application
Power, Wire-to-Board, Wire-to-Wire
Comments
IP67 rated; conforms to UL 1977. NOT suitable for
automotive applications with requirements such as
USCAR-2, USCAR-25, GMW3191, AK Testing, J2030,
Volvo Technology Requirements, and Toyota Connector
Spec (TCS)
Overview
MX150L™ Industrial Sealed Connector System
Product Literature Order No
987650-2181
Product Name
MX150L™
UPC
822348526482
Physical
Circuits (maximum)
16
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Net Weight
36.872/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
5.84mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
18A
Material Info
Reference - Drawing Numbers
Application Specification
AS-19417-001
Product Specification
PS-19417-001
Sales Drawing
SD-19418-007
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19418Series
Mates With
19419 Plug, 19429 Panel Mount Plug
Use With
19420 Female Crimp Terminal
This document was generated on 01/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 19418-0029

ManufacturerPart #DatasheetDescription
logo
MolexKits
19418-0020 MOLEXKITS-19418-0020 Datasheet
45Kb / 6P
   Deluxe Splashproof Application Kit Includes USB Type A and B, RJ-45, MX150L, MX150, Mini-Splashproof Product
19418-0020 MOLEXKITS-19418-0020 Datasheet
39Kb / 3P
   Dual Row Panel Mount Sealed Plug and Receptacle, IP-67
logo
Molex Electronics Ltd.
19418-0020 MOLEX11-19418-0020 Datasheet
47Kb / 2P
   MX150L??6 Circuit Receptacle for 18-22 AWG Wire, without CPA
logo
MolexKits
19418-0021 MOLEXKITS-19418-0021 Datasheet
39Kb / 3P
   Dual Row Panel Mount Sealed Plug and Receptacle, IP-67
logo
Molex Electronics Ltd.
19418-0021 MOLEX11-19418-0021 Datasheet
47Kb / 2P
   MX150L??6 Circuit Receptacle for 14-16 AWG Wire, without CPA
More results

Similar Description - 19418-0029

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0194180029 MOLEX4-0194180029 Datasheet
135Kb / 2P
   MX150L??16 Circuit Receptacle for 18-22 AWG Wire, with CPA
0194180029 MOLEX1-0194180029_18 Datasheet
51Kb / 3P
   MX150L 16 Circuit Receptacle for 18-22 AWG Wire, with CPA
0194180040 MOLEX1-0194180040_18 Datasheet
49Kb / 3P
   MX150L 16 Circuit Receptacle for 18-22 AWG Wire, without CPA
0194180040 MOLEX4-0194180040 Datasheet
135Kb / 2P
   MX150L??16 Circuit Receptacle for 18-22 AWG Wire, without CPA
19418-0040 MOLEX11-19418-0040 Datasheet
51Kb / 1P
   MX150L??16 Circuit Receptacle for 18-22 AWG Wire, without CPA
19418-0008 MOLEX11-19418-0008 Datasheet
47Kb / 1P
   MX150L??2 Circuit Receptacle for 18-22 AWG Wire, with CPA
0194180008 MOLEX1-0194180008_18 Datasheet
41Kb / 2P
   MX150L 2 Circuit Receptacle for 18-22 AWG Wire, with CPA
0194180001 MOLEX1-0194180001_18 Datasheet
39Kb / 2P
   MX150L 8 Circuit Receptacle for 18-22 AWG Wire, with CPA
0194180014 MOLEX1-0194180014_18 Datasheet
44Kb / 2P
   MX150L 10 Circuit Receptacle for 18-22 AWG Wire, with CPA
0194180014 MOLEX4-0194180014 Datasheet
130Kb / 2P
   MX150L??10 Circuit Receptacle for 18-22 AWG Wire, with CPA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com