Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34566-1303 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 34566-1303
Description  2.54mm Pitch, MX123??Female Receptacle Housing, Keying Option B, Wire Dress
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

34566-1303 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  34566-1303 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/31/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
34566-1303
Status:
Active
Overview:
MX123™ Sealed Connection System
Description:
2.54mm Pitch, MX123™ Female Receptacle Housing, Keying Option B, Wire Dress
Option 9, 73 Circuits, Gray TPA
Documents:
3D Model
Application Specification AS-34566-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-34566-0000 (PDF)
General
Product Family
Crimp Housings
Series
34566
Application
Power, Wire-to-Board
Comments
See Sales Drawing for number of Open Circuits
Overview
MX123™ Sealed Connection System
Product Name
MX123
UPC
822350127752
Physical
Circuits (maximum)
73
Circuits Detail
73
Color - Resin
Black
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
50.423/g
Number of Rows
4
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
11A, 25A
Material Info
Reference - Drawing Numbers
Application Specification
AS-34566-001
Product Specification
PS-34566-0000
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
34566Series
Mates With
MX123™ Header 31386 , 31387
Use With
MX64 Female Terminals 33467
This document was generated on 03/31/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 34566-1303

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34566-1303 MOLEX4-34566-1303 Datasheet
3Mb / 37P
   2.54mm (.100") Pitch, MX123 Female Receptacle Housing, Keying Option B, WireDress Option 9, 73 Circuits, Gray TPA
More results

Similar Description - 34566-1303

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34566-1403 MOLEX11-34566-1403 Datasheet
45Kb / 1P
   2.54mm Pitch, MX123??Female Receptacle Housing, Keying Option B, Wire Dress
34566-0203 MOLEX11-34566-0203 Datasheet
46Kb / 1P
   2.54mm Pitch, MX123??Female Receptacle Housing, Keying Option B, Wire Dress
34566-1903 MOLEX11-34566-1903 Datasheet
57Kb / 1P
   2.54mm Pitch, MX123??Female Receptacle Housing, Keying Option G, Wire Dress
34566-0103 MOLEX11-34566-0103 Datasheet
46Kb / 1P
   2.54mm Pitch, MX123??Female Receptacle Housing, Keying Option A, Wire Dress
34566-0303 MOLEX11-34566-0303 Datasheet
46Kb / 1P
   2.54mm Pitch, MX123??Female Receptacle Housing, Keying Option C, Wire Dress
34566-1803 MOLEX11-34566-1803 Datasheet
45Kb / 1P
   2.54mm Pitch, MX123??Female Receptacle Housing, Keying Option F, Wire Dress
34566-0803 MOLEX11-34566-0803 Datasheet
57Kb / 1P
   2.54mm Pitch, MX123??Female Receptacle Housing, Keying Option H, Wire Dress
34566-2403 MOLEX11-34566-2403 Datasheet
56Kb / 1P
   2.54mm Pitch, MX123??Female Receptacle Housing, Keying Option M, Wire Dress
34566-0603 MOLEX11-34566-0603 Datasheet
45Kb / 1P
   2.54mm Pitch, MX123??Female Receptacle Housing, Keying Option F, Wire Dress
34566-1503 MOLEX11-34566-1503 Datasheet
45Kb / 1P
   2.54mm Pitch, MX123??Female Receptacle Housing, Keying Option C, Wire Dress
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com