Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC75S51FU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC75S51FU
Description  Single Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC75S51FU Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC75S51FU Datasheet HTML 1Page - Toshiba Semiconductor TC75S51FU Datasheet HTML 2Page - Toshiba Semiconductor TC75S51FU Datasheet HTML 3Page - Toshiba Semiconductor TC75S51FU Datasheet HTML 4Page - Toshiba Semiconductor TC75S51FU Datasheet HTML 5Page - Toshiba Semiconductor TC75S51FU Datasheet HTML 6Page - Toshiba Semiconductor TC75S51FU Datasheet HTML 7Page - Toshiba Semiconductor TC75S51FU Datasheet HTML 8Page - Toshiba Semiconductor TC75S51FU Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TC75S51F/FU/FE
2014-03-01
3
AC Characteristics (VDD = 3.0 V, VSS = GND, Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Slew rate
SR
AV = 0 dB
0.5
V/
μs
Unity gain cross frequency
fT
AV = 40 dB
0.6
MHz
AC Characteristics (VDD = 1.5 V, VSS = GND, Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Slew rate
SR
AV = 0 dB
0.3
V/
μs
Unity gain cross frequency
fT
AV = 40 dB
0.5
MHz
Test Circuit
1. SVRR, VIO
2. CMRR, CMVIN
VOUT
VDD
RF
RS
RS
VDD/2
VOUT
VDD
RF
RS
RS
VDD/2
VIN
SVRR
For each of the two VDD values, measure the VOUT value, as
indicated below, and calculate the value of SVRR using the
equation shown.
When VDD = 1.5 V, VDD = VDD1 and VOUT = VOUT1
When VDD = 7.0 V, VDD = VDD2 and VOUT = VOUT2
S
R
F
R
S
R
2
VDD
1
VDD
2
VOUT
1
VOUT
og
20
SVRR
+
×
VIO
Measure the value of VOUT and calculate the value of VIO using
the following equation.
S
R
F
R
S
R
2
VDD
VOUT
VIO
+
×
⎟⎟
⎜⎜
=
CMRR
Measure the VOUT value, as indicated below, and calculate the
value of the CMRR using the equation shown.
When VIN = 0.0 V, VIN = VIN1 and VOUT = VOUT1
When VIN = 2.5 V, VIN = VIN2 and VOUT = VOUT2
S
R
F
R
S
R
2
VIN
1
VIN
2
VOUT
1
VOUT
og
20
CMRR
+
×
CMVIN
Input range within which the CMRR specification guarantees
VOUT value (as varied by the VIN value).


Similar Part No. - TC75S51FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC75S51FU TOSHIBA-TC75S51FU Datasheet
260Kb / 8P
   SINGLE OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
TC75S51FU ETC-TC75S51FU Datasheet
320Kb / 28P
   General-Purpose Linear ICs
logo
Toshiba Semiconductor
TC75S51FU TOSHIBA-TC75S51FU Datasheet
220Kb / 10P
   Single Operational Amplifier
More results

Similar Description - TC75S51FU

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
   SINGLE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
   Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
   Single Operational Amplifier
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
   Single Operational Amplifier
KA301A FAIRCHILD-KA301A Datasheet
57Kb / 6P
   Single Operational Amplifier
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
TC75S51F TOSHIBA-TC75S51F Datasheet
260Kb / 8P
   SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com