Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC75S51FE Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC75S51FE
Description  Single Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC75S51FE Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC75S51FE Datasheet HTML 1Page - Toshiba Semiconductor TC75S51FE Datasheet HTML 2Page - Toshiba Semiconductor TC75S51FE Datasheet HTML 3Page - Toshiba Semiconductor TC75S51FE Datasheet HTML 4Page - Toshiba Semiconductor TC75S51FE Datasheet HTML 5Page - Toshiba Semiconductor TC75S51FE Datasheet HTML 6Page - Toshiba Semiconductor TC75S51FE Datasheet HTML 7Page - Toshiba Semiconductor TC75S51FE Datasheet HTML 8Page - Toshiba Semiconductor TC75S51FE Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TC75S51F/FU/FE
2014-03-01
2
Marking (top view)
Pin Connection (top view)
Electrical Characteristics
DC Characteristics (VDD = 3.0 V, VSS = GND, Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input offset voltage
VIO
1
RS = 1 kΩ, RF = 100 kΩ
2
10
mV
Input offset current
IIO
1
pA
Input bias current
II
1
pA
Common mode input voltage
CMVIN
2
RS = 1 kΩ, RF = 100 kΩ
0
2.5
V
Voltage gain (open loop)
GV
60
70
dB
VOH
3
RL ≥ 100 kΩ
2.9
Maximum output voltage
VOL
4
RL ≥ 100 kΩ
0.1
V
Common mode input signal
rejection ratio
CMRR
2
VIN = 0.0 to 2.5 V
55
65
dB
Supply voltage rejection ratio
SVRR
1
VDD = 1.5 to 7.0 V
60
70
dB
Supply current
IDD
5
60
200
μA
DC Characteristics (VDD = 1.5 V, VSS = GND, Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input offset voltage
VIO
1
RS = 10 kΩ, RF = 100 kΩ
2
10
mV
Input offset current
IIO
1
pA
Input bias current
II
1
pA
Common mode input voltage
CMVIN
2
RS = 10 kΩ, RF = 100 kΩ
0
1.0
V
Voltage gain (open loop)
GV
60
70
dB
VOH
3
RL ≥ 100 kΩ
1.4
Maximum output voltage
VOL
4
RL ≥ 100 kΩ
0.1
V
Supply current
IDD
5
50
150
μA
Note: For this device, please use a source current of no more than 70
μA.
VDD
5
IN (
−)
4
1
3
VSS
2
OUT
IN (
+)
S C
4
5
3
1
2


Similar Part No. - TC75S51FE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC75S51FE ETC-TC75S51FE Datasheet
320Kb / 28P
   General-Purpose Linear ICs
logo
Toshiba Semiconductor
TC75S51FE TOSHIBA-TC75S51FE Datasheet
220Kb / 10P
   Single Operational Amplifier
More results

Similar Description - TC75S51FE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
   SINGLE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
   Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
   Single Operational Amplifier
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
   Single Operational Amplifier
KA301A FAIRCHILD-KA301A Datasheet
57Kb / 6P
   Single Operational Amplifier
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
TC75S51F TOSHIBA-TC75S51F Datasheet
260Kb / 8P
   SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com