Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS117S Datasheet(PDF) 5 Page - Clare, Inc.

Part # TS117S
Description  Multifunction Telecom Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TS117S Datasheet(HTML) 5 Page - Clare, Inc.

  TS117S Datasheet HTML 1Page - Clare, Inc. TS117S Datasheet HTML 2Page - Clare, Inc. TS117S Datasheet HTML 3Page - Clare, Inc. TS117S Datasheet HTML 4Page - Clare, Inc. TS117S Datasheet HTML 5Page - Clare, Inc. TS117S Datasheet HTML 6Page - Clare, Inc. TS117S Datasheet HTML 7Page - Clare, Inc. TS117S Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS117
5
Rev. 9
www.clare.com
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
TS117
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA
TS117
Typical Turn-On vs. LED Forward Current
(Load Current = 120mADC)
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
TS117
Typical Turn-Off vs. LED Forward Current
(Load Current = 120mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
TS117
Typical On-Resistance vs. Temperature
(Load Current = 120mADC; IF = 2mADC)
Temperature (
°C)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
TS117
Typical IF for Switch Operation
vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
TS117
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
TS117
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C; IF = 2mA)
Load Voltage (V)
150
100
50
0
-50
-100
-150
-3
-2
-1
0
1
2
3
TS117
Energy Rating Curve
Time
10
µs
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100
µs
100ms
1s
10ms
10s
100s
TS117
Typical Normalized CTR vs Forward Current
(VCE = 0.5V)
IF (mA)
0
2
4
6
8
10
12
14
16
18
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
20
TS117
Typical Normalized CTR vs. Temperature
(VCE = 0.5V)
Temperature (
°C)
8
7
6
5
4
3
2
1
0
-40
-20
0
20
40
60
80
120
100
1mA
2mA
5mA
10mA
15mA
20mA
TS117
Typical Collector Current vs. Forward Current
(VCE = 0.5V)
IF (mA)
0
2468
12
10
14
16
18
20
12
10
8
6
4
2
0


Similar Part No. - TS117S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
TS117S IXYS-TS117S Datasheet
145Kb / 8P
   Multifunction Telecom Switch
TS117STR IXYS-TS117STR Datasheet
145Kb / 8P
   Multifunction Telecom Switch
More results

Similar Description - TS117S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
XS170 CLARE-XS170 Datasheet
100Kb / 7P
   Multifunction Telecom Switch
logo
IXYS Corporation
TS120 IXYS-TS120 Datasheet
142Kb / 8P
   Multifunction Telecom Switch
TS117L IXYS-TS117L Datasheet
141Kb / 8P
   Multifunction Telecom Switch
logo
Clare, Inc.
TS120L CLARE-TS120L Datasheet
147Kb / 8P
   Multifunction Telecom Switch
TS117L CLARE-TS117L Datasheet
123Kb / 8P
   Multifunction Telecom Switch
TS190L CLARE-TS190L Datasheet
442Kb / 8P
   Multifunction Telecom Switch
TS112N CLARE-TS112N Datasheet
405Kb / 7P
   Multifunction Telecom Switch
logo
IXYS Corporation
TS122 IXYS-TS122 Datasheet
140Kb / 8P
   Multifunction Telecom Switch
logo
Clare, Inc.
TS118 CLARE-TS118 Datasheet
120Kb / 8P
   Multifunction Telecom Switch
TS190 CLARE-TS190 Datasheet
448Kb / 8P
   Multifunction Telecom Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com