Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34791-0181 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 34791-0181
Description  Mini50??Unsealed Bridged, Single Row Receptacle, 8 Circuit, Polarization Option B,
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

34791-0181 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  34791-0181 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/13/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
34791-0181
Status:
Active
Overview:
Mini50™ Unsealed Connection Systems
Description:
Mini50™ Unsealed Bridged, Single Row Receptacle, 8 Circuit, Polarization Option B,
Gray
Documents:
3D Model
Product Specification PS-34791-020 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
34791
Application
Power, Wire-to-Board
Overview
Mini50™ Unsealed Connection Systems
Product Name
Mini50™
UPC
887191319841
Physical
Circuits (maximum)
8
Circuits Detail
8
Color - Resin
Gray
Gender
Receptacle
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
1.340/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.00mm
Pitch - Termination Interface
2.00mm
Polarized to Mating Part
Yes
Ports
1
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-34791-020
Sales Drawing
SD-34791-001, SD-34824-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
34791Series
Mates With
Mini50™ Headers 34792 Vertical, 34793
Right-Angle
Use With
560023 CTX50 Unsealed Terminals
This document was generated on 12/13/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 34791-0181

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34791-0180 MOLEX11-34791-0180 Datasheet
55Kb / 1P
   Mini50??Unsealed Bridged, Single Row Receptacle, 8 Circuit, Polarization Option A,
34791-0182 MOLEX11-34791-0182 Datasheet
55Kb / 1P
   Mini50??Unsealed Bridged, Single Row Receptacle, 8 Circuit, Polarization Option C,
More results

Similar Description - 34791-0181

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34791-0141 MOLEX11-34791-0141 Datasheet
55Kb / 1P
   Mini50??Unsealed Bridged, Single Row Receptacle, 4 Circuit, Polarization Option B,
0347910181 MOLEX1-0347910181 Datasheet
46Kb / 1P
   Mini50??Unsealed Receptacle, Single Row, Bridged, 8 Circuits, Polarization Option B
34791-0180 MOLEX11-34791-0180 Datasheet
55Kb / 1P
   Mini50??Unsealed Bridged, Single Row Receptacle, 8 Circuit, Polarization Option A,
34791-0081 MOLEX11-34791-0081 Datasheet
55Kb / 1P
   Mini50??Unsealed Non-Bridged, Single Row Receptacle, 8 Circuit, Polarization Option
34791-0082 MOLEX11-34791-0082 Datasheet
55Kb / 1P
   Mini50??Unsealed Non-Bridged, Single Row Receptacle, 8 Circuit, Polarization Option
34791-0080 MOLEX11-34791-0080 Datasheet
55Kb / 1P
   Mini50??Unsealed Non-Bridged, Single Row Receptacle, 8 Circuit, Polarization Option
34791-0182 MOLEX11-34791-0182 Datasheet
55Kb / 1P
   Mini50??Unsealed Bridged, Single Row Receptacle, 8 Circuit, Polarization Option C,
34824-1125 MOLEX11-34824-1125 Datasheet
42Kb / 1P
   Mini50??Unsealed Bridged, Dual Row Receptacle, 12 Circuit, Polarization Option B,
34791-0042 MOLEX11-34791-0042 Datasheet
54Kb / 1P
   Mini50??Unsealed Non-Bridged, Single Row Receptacle, 4 Circuit, Polarization Option
0347910182 MOLEX1-0347910182 Datasheet
46Kb / 1P
   Mini50??Unsealed Receptacle, Single Row, Bridged, 8 Circuits, Polarization Option C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com