Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT162652ATPVCT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 74FCT162652ATPVCT
Description  16-Bit Registered Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74FCT162652ATPVCT Datasheet(HTML) 1 Page - Texas Instruments

  74FCT162652ATPVCT Datasheet HTML 1Page - Texas Instruments 74FCT162652ATPVCT Datasheet HTML 2Page - Texas Instruments 74FCT162652ATPVCT Datasheet HTML 3Page - Texas Instruments 74FCT162652ATPVCT Datasheet HTML 4Page - Texas Instruments 74FCT162652ATPVCT Datasheet HTML 5Page - Texas Instruments 74FCT162652ATPVCT Datasheet HTML 6Page - Texas Instruments 74FCT162652ATPVCT Datasheet HTML 7Page - Texas Instruments 74FCT162652ATPVCT Datasheet HTML 8Page - Texas Instruments 74FCT162652ATPVCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
16-Bit Registered Transceivers
CY74FCT16652T
CY74FCT162652T
Data sheet acquired from Cypress Semiconductor Corporation.
Data sheet modified to remove devices not offered.
SCCS061B - July 1994 - Revised September 2001
Copyright
© 2001, Texas Instruments Incorporated
1CY74FCT162652T
Features
•Ioff supports partial-power-down mode operation
• Edge-rate control circuitry for significantly improved
noise characteristics
• Typical output skew < 250 ps
• ESD > 2000V
• TSSOP (19.6-mil pitch) and SSOP (25-mil pitch)
packages
• Industrial temperature range of
−40˚C to +85˚C
•VCC = 5V ± 10%
CY74FCT16652T Features:
• 64 mA sink current, 32 mA source current
• Typical VOLP (ground bounce) <1.0V at VCC = 5V,
TA = 25˚C
CY74FCT162652T Features:
• Balanced 24 mA output drivers
• Reduced system switching noise
• Typical VOLP (ground bounce) <0.6V at VCC = 5V,
TA= 25˚C
Functional Description
These 16-bit, high-speed, low-power, registered transceivers
that are organized as two independent 8-bit bus transceivers
with three-state D-type registers and control circuitry arranged
for multiplexed transmission of data directly from the input bus
or from the internal storage registers. OEAB and OEBA control
pins are provided to control the transceiver functions. SAB and
SBA control pins are provided to select either real-time or
stored data transfer.
Data on the A or B data bus, or both, can be stored in the
internal D flip-flops by LOW-to-HIGH transitions at the
appropriate clock pins (CLKAB or CLKBA), regardless of the
select or enable control pins. When SAB and SBA are in the
real-time transfer mode, it is also possible to store data without
using the internal D-type flip-flops by simultaneously enabling
OEAB and OEBA. In this configuration, each output reinforces
its input. Thus, when all other data sources to the two sets of
bus lines are at high impedance, each set of bus lines will
remain at its last state.
This
device
is
fully
specified
for
partial-power-down
applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device
when it is powered down.
The
CY74FCT16652T
is
ideally
suited
for
driving
high-capacitance loads and low-impedance backplanes.
The CY74FCT162652T has 24-mA balanced output drivers
with current-limiting resistors in the outputs. This reduces the
need for external terminating resistors and provides for
minimal undershoot and reduced ground bounce. The
CY74FCT162652T is ideal for driving transmission lines.
TO 7 OTHER CHANNELS
1OEAB
C
D
1A1
1OEBA
1CLKBA
1CLKAB
1SBA
B REG
C
D
A REG
1B1
1SAB
FCT16652-1
2OEAB
2SAB
2OEBA
2CLKBA
2CLKAB
2SBA
2B1
2A1
C
D
B REG
C
D
A REG
TO 7 OTHER CHANNELS
FCT16652-2
Logic Block Diagrams


Similar Part No. - 74FCT162652ATPVCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT162652ATPVCT TI-74FCT162652ATPVCT Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
More results

Similar Description - 74FCT162652ATPVCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI-CY74FCT16952T Datasheet
68Kb / 8P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI-CY74FCT163952 Datasheet
65Kb / 6P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI1-CY74FCT16952T_15 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI1-CY74FCT163952_05 Datasheet
143Kb / 10P
[Old version datasheet]   16-Bit Registered Transceivers
logo
Pericom Semiconductor C...
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com