Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3942 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A3942
Description  A3942KLGTR-T for Automotive Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3942 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A3942 Datasheet HTML 2Page - Allegro MicroSystems A3942 Datasheet HTML 3Page - Allegro MicroSystems A3942 Datasheet HTML 4Page - Allegro MicroSystems A3942 Datasheet HTML 5Page - Allegro MicroSystems A3942 Datasheet HTML 6Page - Allegro MicroSystems A3942 Datasheet HTML 7Page - Allegro MicroSystems A3942 Datasheet HTML 8Page - Allegro MicroSystems A3942 Datasheet HTML 9Page - Allegro MicroSystems A3942 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Quad High-Side Gate Driver
for Automotive Applications
A3942
6
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Driver Fault Detection
Drain Fault Detect Current
IDx
VBB = 60 V
75
100
125
μA
VBB = 36 V
85
100
120
μA
Drain Fault Detect Voltage3
VDx
VBB ≥ 9 V
VBB
– 3
VBB
+ 0.2
V
VBB = 6 V
5
VBB
+ 0.2
V
VBB = 4.5 V
4
VBB
+ 0.2
V
Open Load Detect Source Current1
IOL
VSx = 1.35 V; 4.5 V ≤ VBB ≤ 36 V
–48
–82
μA
Open Load Detect Voltage
VOL
1.4
1.5
1.6
V
Open Load VSx Clamp
VCLAMP
Active (when an open load fault is active),
VBB ≤ 36 V
––5
V
ICLAMP
Current limit in short-to-battery; VSx =VBB = 36 V
200
μA
Turn-On Blank Time
tON(00)
tON(00) is the default, TJ = 150°C
2.5
3.4
μs
tON(01)
3.7
5.9
μs
tON(10)
5.6
11.2
μs
tON(11)
8.9
22.3
μs
Turn-Off Blank Time
tOFF
–tON
μs
Short-to-Ground Fault Detect Filter
Delay
tSTG
From VSx < VDx to 90% VFAULTZ
1
1.2
μs
STB Comparator Offset Voltage
VOS(STB)
60
mV
STG Comparator Offset Voltage
VOS(STG)
45
mV
Temperature Monitor
Thermal Warning Threshold4
TWARN
Temperature rising
155
165
175
°C
Thermal Warning Hysteresis
TWARN(hys)
–15–
°C
1For input and output current specifications, negative current is defined as coming out of (sourcing) the specified device pin.
2For
IG(HI), VCP relative to VBB.
3Minimum values of VDx are specified only to avoid short-to-battery nuisance faults. For more information, refer to the Open Load Fault Level topic in
the Applications Information section.
4Minimum and maximum not tested; guaranteed by design.
ELECTRICAL CHARACTERISTICS (continued) Valid at –40°C ≤ TJ ≤ 150°C, C12 = C34 = 0.47 μF, CCP = 1 μF,
RREF = 60.4 kΩ, and VBB within limits, unless otherwise noted


Similar Part No. - A3942

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3942 ALLEGRO-A3942 Datasheet
501Kb / 20P
   Quad High-Side Gate Driver
More results

Similar Description - A3942

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC0015 AVX-VC0015 Datasheet
191Kb / 1P
   Automotive Varistor for Automotive Applications
logo
Jauch Quartz Gmbh
SMU2 JAUCH-SMU2_12 Datasheet
116Kb / 1P
   recommended for automotive applications
logo
PETERMANN-TECHNIK
SMD0503 PETERMANN-SMD0503_15 Datasheet
412Kb / 4P
   Qualified for automotive applications
SMD0603-4 PETERMANN-SMD0603-4_15 Datasheet
716Kb / 4P
   Qualified for automotive applications
logo
Texas Instruments
SN74LVC04A-Q1 TI1-SN74LVC04A-Q1_15 Datasheet
796Kb / 13P
[Old version datasheet]   Qualified for Automotive Applications
TUSB211 TI1-TUSB211 Datasheet
1Mb / 21P
[Old version datasheet]   Qualified for Automotive Applications
SN74AHC32Q-Q1 TI1-SN74AHC32Q-Q1 Datasheet
102Kb / 7P
[Old version datasheet]   Qualified for Automotive Applications
TLC225XA-Q1 TI1-TLC225XA-Q1 Datasheet
646Kb / 35P
[Old version datasheet]   Qualified for Automotive Applications
logo
ON Semiconductor
AFGB30T65SQDN ONSEMI-AFGB30T65SQDN Datasheet
235Kb / 9P
   IGBT for Automotive Applications
January, 2019 ??Rev. 0
logo
PETERMANN-TECHNIK
SMD0507-4 PETERMANN-SMD0507-4_15 Datasheet
541Kb / 4P
   Qualified for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com