Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPC820M25D1ZATRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPC820M25D1ZATRF
Description  Surface Mount Solid Polymer Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPC820M25D1ZATRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPC820M25D1ZATRF Datasheet HTML 1Page - NIC-Components Corp. NPC820M25D1ZATRF Datasheet HTML 2Page - NIC-Components Corp. NPC820M25D1ZATRF Datasheet HTML 3Page - NIC-Components Corp. NPC820M25D1ZATRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
RECOMMENDED LAND PATTERNS (mm)
Case Code
ab
c
D1, D5, D6, D7, D8
2.4
2.9
3.7
A
B
C
A
Surface Mount Solid Polymer Aluminum
Electrolytic Capacitors
NPC Series
NOTES ON REFLOW SOLDERING:
1. SAC alloy (+217°C) reflow soldering compatible
2. Soldering heat limits apply to the top surface of component
3. If you have concerns about your reflow soldering profile
review them with NIC to insure compatible [tpmg@niccomp.com]
APPLICATION NOTES:
1. NPC Series cannot be used in coupling, time-constant or other
circuits that are greatly affected by leakage current.
2. NPC parts are polarized so be sure to verify component orientation
when mounting components.
3. Do not apply over voltage exceeding the rated voltage.
4. Do not apply ripple current over the specified maximum ripple current
rating.
TIME (SECONDS)
RECOMMENDED REFLOW SOLDERING PROFILE
Pre-Heat
160oC ~ 180°C
NATURAL COOLING
Peak Temperature
260°C Max. for 10 sec.
120 Sec. Max.
250
230
160
100
50
200
Time Above 230°C
40 sec. max.
30 sec. max.
260
TERMINATION MATERIAL:
Au: 0.003 ~ 0.014
μm
Pd: 0.02 ~ 0.07
μm
Ni: 0.5 ~ 2.0
μm
Ni: 0.5 ~ 2.0
μm
Pd: 0.02 ~ 0.07
μm
Au: 0.003 ~ 0.014
μm
Cu: 100 ±8
μm
DIMENSIONS (mm)
VOLTAGE CODES
Voltage
Code
2.0VDC
d
2.5VDC
e
4.0VDC
g
6.3VDC
j
8.0VDC
k
10VDC
A
Case Code
L ±0.2
W ±0.2
H ±0.1
W1 ±0.1
S ±0.2
D1
7.3
4.3
1.4
2.4
1.2
D5
1.1
D6
1.9*
D7
2.7
D8
2.9
W1
+
Anode Polarity
Indicator
Voltage Code
Capacitance Value
Lot Number
W
H
L
S
PART NUMBERING SYSTEM
NPC 101 M 6.3 D7 X A TR 500 F
RoHS Compliant
Optional 500 piece reel qty
Tape & Reel Packaging
Denotes +260°C Peak Reflow
Performance Code (see Standard Products & Specifications Tables)
Case Size
Working Voltage (Vdc)
Tolerance Code M=20%, K=10%
Capacitance Code in
μF, first 2 digits are
significant, third digits no. of zeros
Series
*D6 - See Standard Products & Specifications Tables
for height tolerance.
W
1


Similar Part No. - NPC820M25D1ZATRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPC820M2.5D1ZTRF NIC-NPC820M2.5D1ZTRF Datasheet
48Kb / 3P
   Surface Mount Solid Aluminum Electrolytic Capacitors
NPC820M2.5D6XTRF NIC-NPC820M2.5D6XTRF Datasheet
48Kb / 3P
   Surface Mount Solid Aluminum Electrolytic Capacitors
NPC820M2.5D6ZTRF NIC-NPC820M2.5D6ZTRF Datasheet
48Kb / 3P
   Surface Mount Solid Aluminum Electrolytic Capacitors
More results

Similar Description - NPC820M25D1ZATRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSP NIC-NSP Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Kemet Corporation
A765EB397M0ELAE020 KEMET-A765EB397M0ELAE020 Datasheet
4Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A767EB226M1HLAE050 KEMET-A767EB226M1HLAE050 Datasheet
3Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
NIC-Components Corp.
NSP NIC-NSP_14 Datasheet
257Kb / 6P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com