Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGBR20V60CL-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MGBR20V60CL-TA3-T
Description  DUAL MOS GATED BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MGBR20V60CL-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  MGBR20V60CL-TA3-T Datasheet HTML 1Page - Unisonic Technologies MGBR20V60CL-TA3-T Datasheet HTML 2Page - Unisonic Technologies MGBR20V60CL-TA3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MGBR20V60C
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-123.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VRM
60
V
Working Peak Reverse Voltage
VRWM
60
V
Peak Repetitive Reverse Voltage
VRRM
60
V
Average Rectified Forward Current
Per Leg
IO
10
A
Total
20
A
Peak Forward Surge Current
IFSM
180
A
Operating Junction Temperature
TJ
-65~+150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-220F
θJA
62.5
°C/W
TO-252D
2.5
Junction to Case
TO-220F
θJC
3.31
°C/W
TO-220/TO-252D
2
ELECTRICAL CHARACTERISTICS (TA =25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage (Note 1)
V(BR)R
IR=0.60mA
60
V
Instantaneous Forward Voltage
VFM
IF=5A, TJ=25°C
0.44
V
IF=5A, TJ=125°C
0.39
V
IF=10A, TJ=25°C
0.59
V
IF=10A, TJ=125°C
0.54
V
Instantaneous Reverse Current (Note 1)
IRM
VRM=60V, TJ=25°C
500
μA
VRM=60V, TJ=125°C
20
mA
Notes: 1. Short duration pulse test used to minimize self-heating effect.
2. Thermal resistance junction to case mounted on heatsink.


Similar Part No. - MGBR20V60CL-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MGBR20V60CL-TA3-T UTC-MGBR20V60CL-TA3-T Datasheet
139Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIERS
More results

Similar Description - MGBR20V60CL-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MGBR20V45C UTC-MGBR20V45C Datasheet
123Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIERS
MGBR20L60C UTC-MGBR20L60C Datasheet
164Kb / 4P
   DUAL MOS GATED BARRIER RECTIFIERS
MGBR20S45C UTC-MGBR20S45C_15 Datasheet
163Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIERS
MGBR20V60C UTC-MGBR20V60C_15 Datasheet
139Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIERS
MGBR20U60C UTC-MGBR20U60C Datasheet
121Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIERS
MGBR30S50C UTC-MGBR30S50C Datasheet
118Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIERS
MGBR30U50C UTC-MGBR30U50C Datasheet
118Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIERS
MGBR30V50C UTC-MGBR30V50C Datasheet
131Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIERS
MGBR20L45C UTC-MGBR20L45C_15 Datasheet
163Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIERS
MGBR20L60 UTC-MGBR20L60_15 Datasheet
158Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com